Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC6377 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ILC6377
Description  0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6377 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ILC6377 Datasheet HTML 4Page - Fairchild Semiconductor ILC6377 Datasheet HTML 5Page - Fairchild Semiconductor ILC6377 Datasheet HTML 6Page - Fairchild Semiconductor ILC6377 Datasheet HTML 7Page - Fairchild Semiconductor ILC6377 Datasheet HTML 8Page - Fairchild Semiconductor ILC6377 Datasheet HTML 9Page - Fairchild Semiconductor ILC6377 Datasheet HTML 10Page - Fairchild Semiconductor ILC6377 Datasheet HTML 11Page - Fairchild Semiconductor ILC6377 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Performance Characteristics
General conditions for all curves: Circuit 1; L = 20µH (Sumida, CD54), CIN = 47µF (tantalum) with 0.1µF (ceramic),
CL = 47µH (tantalum) SS12 schottky diode, CSS = 4700pF (ceramic), TA = 25°C unless otherwise noted.
Efficiency vs. Output Current
100
80
60
40
20
0
0.1
110
100
1000
ILC6377SO33
OUTPUT CURRENT: IOUT(mA)
L = 22µH (CD54)
VIN = 4.0V
5.0V
8.0V
Efficiency vs. Output Current
100
80
60
40
20
0
0.1
110
100
1000
ILC6377SO33
OUTPUT CURRENT: IOUT(mA)
L = 10µH (CD54)
VIN = 3.96V
5.0V
8.0V
Efficiency vs. Output Current
100
80
60
40
20
0
0.1
110
100
1000
ILC6377SO33
OUTPUT CURRENT: IOUT(mA)
L = 47µH (CD105)
VIN = 4.0V
5.0V
8.0V
Efficiency vs. Output Current
100
80
60
40
20
0
0.1
110
100
1000
ILC6376SO33
OUTPUT CURRENT: IOUT(mA)
L = 22µH (CD54)
VIN = 4.0V
5.0V
10.0V
8.0V
Efficiency vs. Output Current
100
80
60
40
20
0
0.1
110
100
1000
ILC6376SO50
OUTPUT CURRENT: IOUT(mA)
L = 22µH (CD54)
VIN = 3.96V
10.0V
8.0V
5.0V
Efficiency vs. Output Current
100
80
60
40
20
0
0.1
110
100
1000
ILC6377SO50
OUTPUT CURRENT: IOUT(mA)
L = 22µH (CD54)
VIN = 6.0V
10.0
8.0V
ILC6376/77
9
©2001 Fairchild Semiconductor Corporation


Similar Part No. - ILC6377

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-33 IMPALA-ILC6377SO-33 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-50 IMPALA-ILC6377SO-50 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-ADJ IMPALA-ILC6377SO-ADJ Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
More results

Similar Description - ILC6377

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
   300KHz PFM Control Step-Up DC/DC Converter
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com