Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8497SA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8497SA
Description  3-channel linear input PWM driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8497SA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8497SA Datasheet HTML 1Page - Panasonic Semiconductor AN8497SA Datasheet HTML 2Page - Panasonic Semiconductor AN8497SA Datasheet HTML 3Page - Panasonic Semiconductor AN8497SA Datasheet HTML 4Page - Panasonic Semiconductor AN8497SA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICs for Compact Disc/CD-ROM Player
1
AN8497SA
3-channel linear input PWM driver IC
s Overview
The AN8497SA is a PWM output 3-channel
driver IC supporting linear inputs, and best suited for
an actuator and a motor drive for CD-ROM and
DVD-ROM. Due to its linear input, a conventional
system can be used only by replacing a driver. And,
due to an adoption of PWM output, you can reduce
considerably power consumption compared with a
conventional driver. Further a space saving surface
mount package is adopted thanks to its low thermal
generation.
s Features
• Maximum 64% reduction of power consumption
compared with a conventional linear 3-channel
driver IC
• Free gain setting by an external resistor due to
voltage feedback
• Standby function available (standby current < 20 µA)
• Only for supply voltage 5 V
• Phase compensation function
s Applications
• Optical disk drive
s Block Diagram
Unit: mm
SSOP032 P-0300
116
(0.5)
(0.625)
32
11.0±0.3
17
0.65
0.3
+0.10
–0.05
0.2
+0.10
–0.05
Seating plane
H
bridge
H
bridge
H
bridge
V/I
V/I
V/I
Pre-
driver
Pre-
driver
Pre-
driver
Standby
(full circuit)
ABS
ABS
ABS
Logic
Logic
Logic
TSD
VREF
detection
SVDD
detection
Charge pump
Triangular
wave
oscillator


Similar Part No. - AN8497SA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
   Stepping Motor Drive IC
More results

Similar Description - AN8497SA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
   3-channel Linear Driver
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
   PWM SWITCHER & LINEAR CONTROLLER IC
logo
ON Semiconductor
LV8127T ONSEMI-LV8127T Datasheet
505Kb / 23P
   3-phase Bipolar PWM Drive Pre-Driver IC
December 2014 - Rev. 2
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
   3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
ON Semiconductor
LC898300XA-MH ONSEMI-LC898300XA-MH Datasheet
173Kb / 7P
   Linear Vibrator Driver IC
June, 2013
logo
KODENSHI_AUK CORP.
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Diodes Incorporated
AL1783 DIODES-AL1783 Datasheet
616Kb / 14P
   60V THREE INDEPENDENT PWM CHANNEL LINEAR LED DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com