Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8612NSB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN8612NSB
Description  SCSI active terminator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8612NSB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN8612NSB Datasheet HTML 1Page - Panasonic Semiconductor AN8612NSB Datasheet HTML 2Page - Panasonic Semiconductor AN8612NSB Datasheet HTML 3Page - Panasonic Semiconductor AN8612NSB Datasheet HTML 4Page - Panasonic Semiconductor AN8612NSB Datasheet HTML 5Page - Panasonic Semiconductor AN8612NSB Datasheet HTML 6Page - Panasonic Semiconductor AN8612NSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN8612NSB
ICs for Information Equipment
4
s Electrical Characteristics at VCC = 5.0 V, Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply current 1
ICC1
Standby
= low, all SG line = open
44
54
mA
Supply current 2
ICC2
Standby
= low, All SG line = 0.2 V
458
530
mA
Supply current 3
ICC3
Standby
= open
100
200
µA
Standby pin low-level input
ISTBYL
VCC = 5.5 V, VI = 0 V
−150
−50
µA
current
Standby pin high-level input
ISTBYH
VCC = 5.5 V, VI = 5.5 V

1
µA
current
Standby pin positive direction
VTH+
1.3
1.5
1.7
V
threshold voltage
Standby pin negative direction
VTH−
1.1
1.3
1.5
V
threshold voltage
Maximum output current
ISG
VSG = 0.2 V
19.8
23.0
26.2
mA
SG line1 to SG line18
Output leak current 1
ILK1
VCC = 5.5 V
−1

µA
SG line1 to SG line18
Standby
= open, V
SG = 0 V
Output leak current 2
ILK2
VCC = 5.5 V, VSG = 2.85 V
−1
1
µA
SG line1 to SG line18
Standby
= open
REG output voltage 1
VREG1
VCC = 4.0 V to 5.5 V, all SG line = open
2.79
2.85
2.91
V
REG output voltage 2
VREG2
VCC = 3.2 V, all SG line = open
2.00

V
Termination resistance value
RSG
ISG = 5 mA to 15 mA
107
115
123
SG line1 to SG line18
High-level output voltage
VSGH
VCC = 4.0 V to 5.5 V, all SG line = open
2.78
2.85
2.92
V
SG line1 to SG line18
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Standby pin hysteresis width
VHYS
200
mV
Output pin capacitance
CSG
3.8
4.5
pF
Thermal shutdown temperature
TTSD
170
°C
Pin No.
Symbol
Equivalent circuit
1
Standby
s Terminal Equivalent Circuits
100 k
VCC
GND
1


Similar Part No. - AN8612NSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
More results

Similar Description - AN8612NSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com