Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10A10
Description  10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10A10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10A10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10A10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10A05 THRU 10A100
RATINGS AND CHARACTERISTIC CURVES
2.0
4.0
6.0
8.0
0
0
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
0
200
400
600
800
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Junction Capacitance
1.0
T = 25°C
j
f = 1MHz
10A05 - 10A40
10A60-10A100


Similar Part No. - 10A10

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10A10 YANGJIE-10A10 Datasheet
171Kb / 2P
   General Purpose Rectifier
logo
Bytes
10A10 BYTES-10A10 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Naina Semiconductor ltd...
10A10 NAINA-10A10 Datasheet
124Kb / 2P
   Silicon Rectifier, 10.0A
logo
Shanghai Leiditech Elec...
10A10 LEIDITECH-10A10 Datasheet
219Kb / 2P
   General Purpose Rectifier
logo
Shanghai Shunye Electro...
10A10 SHUNYE-10A10 Datasheet
99Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 10A10

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
10A05 GOOD-ARK-10A05_15 Datasheet
144Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 10.0 Amperes
10A05 GOOD-ARK-10A05 Datasheet
144Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 10.0 Amperes
logo
DAESAN ELECTRONIC CORP.
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBU10A DAESAN-KBU10A Datasheet
229Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
SPA251 RECTRON-SPA251 Datasheet
209Kb / 3P
   General Purpose Plastic Rectifiers VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes
logo
Yea Shin Technology Co....
SF1001 YEASHIN-SF1001 Datasheet
38Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
GOOD-ARK Electronics
RL251 GOOD-ARK-RL251_15 Datasheet
155Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.5 Amperes
RL201 GOOD-ARK-RL201_15 Datasheet
163Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com