Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN3383MTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FIN3383MTD
Description  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3383MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN3383MTD Datasheet HTML 1Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500864
www.fairchildsemi.com
October 2003
Revised April 2005
FIN3385 • FIN3383 •
FIN3384 • FIN3386
Low Voltage 28-Bit Flat Panel Display Link
Serializers/Deserializers
General Description
The FIN3385 and FIN3383 transform 28 bit wide parallel
LVTTL (Low Voltage TTL) data into 4 serial LVDS (Low
Voltage Differential Signaling) data streams. A phase-
locked transmit clock is transmitted in parallel with the data
stream over a separate LVDS link. Every cycle of transmit
clock 28 bits of input LVTTL data are sampled and trans-
mitted.
The FIN3386 and FIN3384 receive and convert the 4/3
serial LVDS data streams back into 28/21 bits of LVTTL
data. Refer to Table 1 for a matrix summary of the Serializ-
ers and Deserializers available. For the FIN3385, at a
transmit clock frequency of 85MHz, 28 bits of LVTTL data
are transmitted at a rate of 595Mbps per LVDS channel.
These chipsets are an ideal solution to solve EMI and cable
size problems associated with wide and high-speed TTL
interfaces.
Features
s Low power consumption
s 20 MHz to 85 MHz shift clock support
s
r1V common-mode range around 1.2V
s Narrow bus reduces cable size and cost
s High throughput (up to 2.38 Gbps throughput)
s Internal PLL with no external component
s Compatible with TIA/EIA-644 specification
s Devices are offered 56-lead TSSOP packages
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
TABLE 1. Display Panel Link Serializers/Deserializers Chip Matrix
Order Number
Package Number
Package Description
FIN3383MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
FIN3384MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
FIN3385MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
FIN3386MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Part
CLK Frequency
LVTTL IN
LVDS OUT
LVDS IN
LVTTL OUT
Package
FIN3385
85
28
4
56 TSSOP
FIN3383
66
28
4
56 TSSOP
FIN3386
85
4
28
56 TSSOP
FIN3384
66
4
28
56 TSSOP


Similar Part No. - FIN3383MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN3383MTD FAIRCHILD-FIN3383MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
More results

Similar Description - FIN3383MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com