Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN3386 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FIN3386
Description  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3386 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN3386 Datasheet HTML 6Page - Fairchild Semiconductor FIN3386 Datasheet HTML 7Page - Fairchild Semiconductor FIN3386 Datasheet HTML 8Page - Fairchild Semiconductor FIN3386 Datasheet HTML 9Page - Fairchild Semiconductor FIN3386 Datasheet HTML 10Page - Fairchild Semiconductor FIN3386 Datasheet HTML 11Page - Fairchild Semiconductor FIN3386 Datasheet HTML 12Page - Fairchild Semiconductor FIN3386 Datasheet HTML 13Page - Fairchild Semiconductor FIN3386 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.fairchildsemi.com
10
FIGURE 1. Differential LVDS Output DC Test Circuit
Note A: For all input pulses, tR or tF 
1 ns.
Note B: CL includes all probe and jig capacitance.
FIGURE 2. Differential Receiver Voltage Definitions and Propagation Delay and Transition Time Test Circuit
TABLE 2. Receiver Minimum and Maximum Input Threshold Test Voltages
Applied Voltages
Resulting Differential Input Voltage Resulting Common Mode Input Voltage
(V)
(mV)
(V)
VIA
VIB
VID
VIC
1.25
1.15
100
1.2
1.15
1.25
100
1.2
2.4
2.3
100
2.35
2.3
2.4
100
2.35
0.1
0
100
0.05
00.1
100
0.05
1.5
0.9
600
1.2
0.9
1.5
600
1.2
2.4
1.8
600
2.1
1.8
2.4
600
2.1
0.6
0
600
0.3
00.6
600
0.3


Similar Part No. - FIN3386

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN3386MTDX FAIRCHILD-FIN3386MTDX Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3386MTDX ONSEMI-FIN3386MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Similar Description - FIN3386

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com