Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2601 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APM2601
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2601 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

  APM2601 Datasheet HTML 1Page - Anpec Electronics Coropration APM2601 Datasheet HTML 2Page - Anpec Electronics Coropration APM2601 Datasheet HTML 3Page - Anpec Electronics Coropration APM2601 Datasheet HTML 4Page - Anpec Electronics Coropration APM2601 Datasheet HTML 5Page - Anpec Electronics Coropration APM2601 Datasheet HTML 6Page - Anpec Electronics Coropration APM2601 Datasheet HTML 7Page - Anpec Electronics Coropration APM2601 Datasheet HTML 8Page - Anpec Electronics Coropration APM2601 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
7
APM2601
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb)
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition (IR/Convection or VPR Reflow)
Reference JEDEC Standard J-STD-020A APRIL 1999
Classification Reflow Profiles
Convection or IR/ Convection
VPR
Average ramp-up rate(183
°C to Peak)
3
°C/second max.
10
°C /second max.
Preheat temperature 125
± 25°C)
120 seconds max.
Temperature maintained above 183
°C
60 ~ 150 seconds
Time within 5
°C of actual peak
temperature
10 ~ 20 seconds
60 seconds
Peak temperature range
220 +5/-0
°C or 235 +5/-0°C
215~ 219
°C or 235 +5/-0°C
Ramp-down rate
6
°C /second max.
10
°C /second max.
Time 25
°C to peak temperature
6 minutes max.
Package Reflow Conditions
pkg. thickness
≥≥≥≥ 2.5mm
and all bags
pkg. thickness < 2.5mm and
pkg. volume
≥≥≥≥ 350 mm³
pkg. thickness < 2.5mm and pkg.
volume < 350mm³
Convection 220 +5/-0
°C
Convection 235 +5/-0
°C
VPR 215-219
°C
VPR 235 +5/-0
°C
IR/Convection 220 +5/-0
°C
IR/Convection 235 +5/-0
°C
Pre-heat temperature
183 C
Peak temperature
Time
°


Similar Part No. - APM2601

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM2600-P29 ASB-APM2600-P29 Datasheet
1Mb / 5P
   Medium Power Amplifier Module
February 2009
APM2600-P29 ASB-APM2600-P29 Datasheet
362Kb / 5P
   Low Noise & High OIP3
APM2600-P29 ASB-APM2600-P29_13 Datasheet
777Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM2600-P29 ASB-APM2600-P29_17 Datasheet
362Kb / 5P
   Low Noise & High OIP3
logo
Anpec Electronics Corop...
APM2607 ANPEC-APM2607 Datasheet
598Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2601

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com