Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31K8X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSUSB31K8X
Description  Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB31K8X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSUSB31K8X Datasheet HTML 2Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 3Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 4Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 5Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 9Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
FSUSB31 Rev. 1.0.3
Typical Characteristics
Figure 1. Gain vs. Frequency
Figure 2. OFF Isolation
Figure 3. Crosstalk
-8
-7
-6
-5
-4
-3
-2
-1
0
110
100
1000
10000
Frequency (MHz)
110
100
1000
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
CL = 0pF
VCC = 3.3V
VCC = 3.3V
110
100
1000
Frequency (MHz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VCC = 3.3V


Similar Part No. - FSUSB31K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB31K8X FAIRCHILD-FSUSB31K8X Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31K8X FAIRCHILD-FSUSB31K8X Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB31K8X ONSEMI-FSUSB31K8X Datasheet
631Kb / 16P
   Low-Power, Single-Port, High-Speed USB 2.0 Switch
February 2009 Rev. 1.1.0
More results

Similar Description - FSUSB31K8X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com