Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8787NSB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8787NSB
Description  4-channel linear driver IC for CD/CD-ROM drive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8787NSB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8787NSB Datasheet HTML 1Page - Panasonic Semiconductor AN8787NSB Datasheet HTML 2Page - Panasonic Semiconductor AN8787NSB Datasheet HTML 3Page - Panasonic Semiconductor AN8787NSB Datasheet HTML 4Page - Panasonic Semiconductor AN8787NSB Datasheet HTML 5Page - Panasonic Semiconductor AN8787NSB Datasheet HTML 6Page - Panasonic Semiconductor AN8787NSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICs for Compact Disc/CD-ROM Player
1
AN8787NSB
4-channel linear driver IC for CD/CD-ROM drive
s Overview
The AN8787NSB is a 4-channel driver IC that
has 2-channel of H-bridge method actuator driver
with current feedback, one channel of BTL type
traverse driver and one channel of tri-state output
type loading driver. It is optimum for actuator or
motor driver of CD/CD-ROM player. It comes with
a surface mount package that excels in heat radiat-
ing characteristic.
s Features
• Little phase delay due to current feedback method
(2-channel for actuator)
• Channels for loading motor (H-bridge system) are
available for three modes of forward rotation, re-
verse rotation and braking
• Muting SW with 2 modes: A loading channel is in
operation, and the other 3 channels are in muting;
Loading is in muting and the other 3 channels are
in operation.
• Standby switch to stop all functions
• Wide output dynamic range is available regard-
less of a reference power source on the system.
• I/O gain setting by an external resistor
• Thermal shut-down circuit built-in (with hyster-
esis)
s Applications
• CD/CD-ROM drive
• DVD/DVD-ROM drive
HSOP042-P-0400
Unit: mm
17
8
14
(1.315)
0.65±0.20
28
22
21
(4.8)
(6.4)
(1.2)
(5.15)
18.4±0.2
15
0.35
+0.10
–0.05
0.8
Seating plane
0
° to 10°


Similar Part No. - AN8787NSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
   4Ch. Linear Driver IC for CD/CD-ROM
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
More results

Similar Description - AN8787NSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
AN8812 PANASONIC-AN8812 Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
   4Ch. Linear Driver IC for CD/CD-ROM
AN8816SB PANASONIC-AN8816SB Datasheet
73Kb / 8P
   4ch. Linear Driver IC for CD/CD-ROM
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
logo
Rohm
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
   5 Channel Driver for CD/CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5944FP ROHM-BA5944FP Datasheet
82Kb / 2P
   BTL Driver IC for CD-ROM
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
   CD-ROM Drive Head Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com