Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDMW2512NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. FDMW2512NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDMW2512NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
October 2005
©2005 Fairchild Semiconductor Corporation
FDMW2512NZ Rev D
FDMW2512NZ
Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
®
MOSFET
General Description
This dual N-Channel MOSFET has been designed
using
Fairchild
Semiconductor’s
advanced
Power
Trench process to optimize the RDS(ON) @ VGS = 2.5v on
special MicroFET lead frame with all the drains on one
side of the package.
Applications
• Li-Ion Battery Pack
Features
• 7.2 A, 20 V
RDS(ON) = 26 mΩ @ VGS = 4.5 V
RDS(ON) = 34 mΩ @ VGS = 2.5 V
• ESD protection Diode(note 3)
• Low Profile – 0.8 mm maximum – in the new
package MicroFET 2 x 5 mm
3
2
1
4
5
6
Bottom Drain Contact
Bottom Drain Contact
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
7.2
A
– Pulsed
28
PD
Power Dissipation (Steady State)
(Note 1a)
2.2
W
(Note 1b)
0.8
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
55
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
145
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
2512Z
FDMW2512NZ
13’’
12mm
3000 units
PIN 1
G2
S2
S2
G1
S1
S1
S1 S1 G1
S2 S2 G2
MLP 2x5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn