Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMW2512NZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMW2512NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMW2512NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMW2512NZ Datasheet HTML 1Page - Fairchild Semiconductor FDMW2512NZ Datasheet HTML 2Page - Fairchild Semiconductor FDMW2512NZ Datasheet HTML 3Page - Fairchild Semiconductor FDMW2512NZ Datasheet HTML 4Page - Fairchild Semiconductor FDMW2512NZ Datasheet HTML 5Page - Fairchild Semiconductor FDMW2512NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDMW2512NZ Rev D
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
12
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage,
VGS = ±12 V,
VDS = 0 V
±10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.5
0.8
1.5
V
∆V
GS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25 C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 7.2 A
VGS = 4.0 V,
ID = 7.2 A
VGS = 3.1 V,
ID = 6.4 A
VGS = 2.5 V,
ID = 6.4 A
VGS = 4.5 V, ID = 7.2 A, TJ=125°C
19
20
22
23
25
26
28
32
34
39
m
gFS
Forward Transconductance
VDS = 5 V,
ID =7.2 A
30
S
Dynamic Characteristics
Ciss
Input Capacitance
740
pF
Coss
Output Capacitance
165
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
127
pF
RG
Gate Resistance
f = 1.0 MHz
1.4
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
10
20
ns
td(off)
Turn–Off Delay Time
16
29
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
13
23
ns
Qg
Total Gate Charge
9
13
nC
Qgs
Gate–Source Charge
1
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 7.2 A,
VGS = 4.5 V
3
nC
Drain–Source Diode Characteristics
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.8 A
(Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
15
nS
Qrr
Diode Reverse Recovery Charge
IF = 7.2 A,
dIF/dt = 100 A/µs
4
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
55°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b) 145°C/W when mounted on a
minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs,
Duty Cycle < 2.0%
3. The diode connected between the gate
and source serves only as protection
againts ESD. No gate overvoltage
rating is implied.


Similar Part No. - FDMW2512NZ

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-05PDSR FUJIKURA-FDM-05PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-07PDSR FUJIKURA-FDM-07PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-120PDSR FUJIKURA-FDM-120PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-15PDSR FUJIKURA-FDM-15PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
More results

Similar Description - FDMW2512NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507NZ FAIRCHILD-FDW2507NZ Datasheet
130Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2515NZ FAIRCHILD-FDW2515NZ Datasheet
119Kb / 6P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com