Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP15N65 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP15N65
Description  650V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP15N65 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP15N65 Datasheet HTML 1Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 2Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 3Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 4Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 5Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 6Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 7Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 8Page - Fairchild Semiconductor FDP15N65 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDP15N65 / FDPF15N65 Rev. A
February 2006
UniFET TM
FDP15N65 / FDPF15N65
650V N-Channel MOSFET
Features
• 15A, 650V, RDS(on) = 0.44Ω @VGS = 10 V
• Low gate charge ( typical 48.5 nC)
•Low Crss ( typical 23.6 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
cient switched mode power supplies and active power factor
correction.
TO-220
FDP Series
G
S
D
TO-220F
FDPF Series
G
S
D
D
G
S
Absolute Maximum Ratings
Symbol
Parameter
FDP15N65 FDPF15N65
Unit
VDSS
Drain-Source Voltage
650
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
15
9.5
15*
9.5*
A
A
IDM
Drain Current
- Pulsed
(Note 1)
60
60*
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
637
mJ
IAR
Avalanche Current
(Note 1)
15
A
EAR
Repetitive Avalanche Energy
(Note 1)
25.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
250
2.0
73.5
0.59
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Thermal Characteristics
Symbol
Parameter
FDP15N65
FDPF15N65
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.5
1.7
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
* Drain current limited by maximum junction termperature.


Similar Part No. - FDP15N65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
473Kb / 10P
   650V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP15N65 ISC-FDP15N65 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP15N65_0610 FAIRCHILD-FDP15N65_0610 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
FDP15N65_0704 FAIRCHILD-FDP15N65_0704 Datasheet
473Kb / 10P
   650V N-Channel MOSFET
More results

Similar Description - FDP15N65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com