Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8690 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS8690
Description  N-Channel PowerTrench MOSFET 30V, 14A, 7.6mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8690 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8690 Datasheet HTML 1Page - Fairchild Semiconductor FDS8690 Datasheet HTML 2Page - Fairchild Semiconductor FDS8690 Datasheet HTML 3Page - Fairchild Semiconductor FDS8690 Datasheet HTML 4Page - Fairchild Semiconductor FDS8690 Datasheet HTML 5Page - Fairchild Semiconductor FDS8690 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS8690 Rev. B
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
01234
0
20
40
60
80
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
VGS = 4.5V
VGS = 3.5V
VGS = 10V
VGS = 3V
VGS = 4.5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
On Region Characteristics
Figure 2.
0
20
40
60
80
100
0.8
1.2
1.6
2.0
2.4
2.8
3.2
ID, DRAIN CURRENT(A)
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VGS = 4V
VGS = 3.5V
VGS = 3.0V
VGS = 10V
VGS = 4.5V
Normal On-Resistance vs Drain Current
and Gate Voltage
Figure 3. Normalized
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
ID = 14A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
On Resistance vs Junction
Temperature
Figure 4.
2468
10
0
10
20
30
40
50
60
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 150oC
TJ = 25oC
ID = 50A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to Source
Voltage
Figure 5.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1000
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode Forward Voltage
vs Source Current


Similar Part No. - FDS8690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS86106 FAIRCHILD-FDS86106 Datasheet
262Kb / 6P
   N-Channel Power Trench짰 MOSFET 100 V, 3.4 A, 105 m廓
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
FDS86141 FAIRCHILD-FDS86141 Datasheet
239Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 7 A, 23 m?
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDS86242 FAIRCHILD-FDS86242 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS8690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com