Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDB15C Datasheet(PDF) 2 Page - Protek Devices

Part # SMDB15C
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDB15C Datasheet(HTML) 2 Page - Protek Devices

  SMDB15C Datasheet HTML 1Page - Protek Devices SMDB15C Datasheet HTML 2Page - Protek Devices SMDB15C Datasheet HTML 3Page - Protek Devices SMDB15C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05166.R2 3/05
SMDB05
thru
SMDB24C
DEVICE CHARACTERISTICS
Note 1: Only applies to unidirectional devices.
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
800
Watts
Forward Voltage @ 100mA, 300µs - Square Wave (Note 1)
Volts
1.5
VF
Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., SMDB05C.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
PER LINE
@0V, 1 MHz
C
pF
SMDB05
SMDB05C
SMDB08
SMDB08C
SMDB12
SMDB12C
SMDB15
SMDB15C
SMDB24
SMDB24C
PDA
PDB
PDJ
PDK
PDC
PDD
PDE
PDF
PDG
PDH
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
26.7
26.7
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
40.0
40.0
24.6V @ 45.0A
24.6V @45.0A
25.5V @ 40.0A
25.5V @ 40.0A
32.9V @ 34.0A
32.9V @ 34.0A
38.5V @ 27.0A
38.5V @ 27.0A
48.5V @ 20.0A
48.5V @ 20.0A
880
493
800
450
440
248
400
225
275
155
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
200
200
10
10
2
2
2
2
2
2
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0


Similar Part No. - SMDB15C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB15C MCC-SMDB15C Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDB15C MICROSEMI-SMDB15C Datasheet
103Kb / 2P
   TVSarray Series
logo
SeCoS Halbleitertechnol...
SMDB15C SECOS-SMDB15C Datasheet
172Kb / 2P
   Transient Voltage Suppressors
logo
Protek Devices
SMDB15C PROTEC-SMDB15C Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB15C PROTEC-SMDB15C Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDB15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com