Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U0402FC08C Datasheet(PDF) 5 Page - Protek Devices

Part # U0402FC08C
Description  UNBUMPED FLIP CHIP ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC08C Datasheet(HTML) 5 Page - Protek Devices

  U0402FC08C Datasheet HTML 1Page - Protek Devices U0402FC08C Datasheet HTML 2Page - Protek Devices U0402FC08C Datasheet HTML 3Page - Protek Devices U0402FC08C Datasheet HTML 4Page - Protek Devices U0402FC08C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.protekdevices.com
05149.R4 3/05
U0402FC3.3C
thru
U0402FC36C
PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000 pieces per reel. Ordering Suffix: -T75-1 (i.e., U0402FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels -10,000 pieces per reel. Ordering Suffix: -T710-2 (i.e., U0402FC05C-T710-2).
A
B
C
D
E
F
I
0.46 NOM
0.86 NOM
0.99 ± 0.0254
0.10 NOM
0.35 NOM
0.483 ± 0.0254
0.406 NOM
0.018 NOM
0.034 NOM
0.039 ± 0.001
0.004 NOM
0.014 NOM
0.019 ± 0.001
0.016 NOM
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and outline:
.xxx ± 0.05mm (± 0.002”).
3. Maximum chip size: 1.02 (0.040”) by 0.51(0.020”).
PACKAGE OUTLINE
U0402
MOUNTING PAD
NOTE:
1.
Preferred: Using 0.1mm (0.004”) stencil.
D
E
F
I
TOP
END
Metalized Die Contacts
A
B
C
D
E
F
G
H
I
0.23
0.48
0.69
0.46
0.99
0.20
0.20
0.66
0.13
0.009
0.019
0.027
0.018
0.039
0.008
0.008
0.026
0.005
DIM
MILLIMETERS
INCHES
PAD DIMENSIONS
NOTE:
1. Top view of tape. Metal contacts are face down in tape
package.
TAPE & REEL ORIENTATION
Single Die - 0402
B
C
DIE
CONTACTS
A
I
SOLDER PRINT
DIAMETER 0.010” -
0.012”
DIE
Outline & Dimensions: Rev 3 - 11/02, 06020


Similar Part No. - U0402FC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
U0402FC08C PROTEC-U0402FC08C Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
U0402FC08C PROTEC-U0402FC08C Datasheet
569Kb / 8P
   250W UMBUMPED FLIP CHIP TVS ARRAY
More results

Similar Description - U0402FC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
U0404FC33C PROTEC-U0404FC33C Datasheet
105Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
U0406FC33C PROTEC-U0406FC33C Datasheet
109Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
U0408FC33C PROTEC-U0408FC33C Datasheet
112Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C Datasheet
112Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC3.3C PROTEC-ULLC0402FC3.3C Datasheet
159Kb / 4P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
U0402FC3.3C PROTEC-U0402FC3.3C_11 Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C PROTEC-ULLC0402FC05C_06 Datasheet
76Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com