Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDY300NZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDY300NZ
Description  Single N-Channel 2.5V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDY300NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDY300NZ Datasheet HTML 1Page - Fairchild Semiconductor FDY300NZ Datasheet HTML 2Page - Fairchild Semiconductor FDY300NZ Datasheet HTML 3Page - Fairchild Semiconductor FDY300NZ Datasheet HTML 4Page - Fairchild Semiconductor FDY300NZ Datasheet HTML 5Page - Fairchild Semiconductor FDY300NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDY300NZ Rev A
www.fairchildsemi.com
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
15
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
VGS = ± 12 V, VDS = 0 V
± 10
µA
IGSS
Gate–Body Leakage,
VGS =
± 4.5 V, VDS = 0 V
± 1
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.6
1.0
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 600 mA
VGS = 2.5 V,
ID = 500 mA
VGS = 1.8 V,
ID = 150 mA
VGS = 4.5 V, ID=600mA, TJ = 125°C
0.24
0.36
0.70
0.35
0.70
0.85
1.25
1.00
gFS
Forward Transconductance
VDS = 5 V,
ID = 600 mA
1.8
S
Dynamic Characteristics
Ciss
Input Capacitance
60
pF
Coss
Output Capacitance
20
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
10
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
6
12
ns
tr
Turn–On Rise Time
8
16
ns
td(off)
Turn–Off Delay Time
8
16
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
2.4
4.8
ns
Qg
Total Gate Charge
0.8
1.1
nC
Qgs
Gate–Source Charge
0.16
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 600 mA,
VGS = 4.5 V
0.26
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 150 mA (Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
8
nS
Qrr
Diode Reverse Recovery Charge
IF = 600 mA,
dIF/dt = 100 A/µs
1
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
200°C/W when
mounted on a 1in2 pad
of 2 oz copper
b) 280°C/W when mounted on a
minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs,
Duty Cycle < 2.0%
3. The diode connected between the gate
and source serves only as protection
againts ESD. No gate overvoltage
rating is implied.


Similar Part No. - FDY300NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDY300NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI4466DY FAIRCHILD-SI4466DY Datasheet
80Kb / 5P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY301NZ FAIRCHILD-FDY301NZ Datasheet
191Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDS6570A FAIRCHILD-FDS6570A Datasheet
201Kb / 8P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com