Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8839NSB Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN8839NSB
Description  CD-DA head amplifier IC for 3-beam system optical pick-up
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8839NSB Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN8839NSB Datasheet HTML 1Page - Panasonic Semiconductor AN8839NSB Datasheet HTML 2Page - Panasonic Semiconductor AN8839NSB Datasheet HTML 3Page - Panasonic Semiconductor AN8839NSB Datasheet HTML 4Page - Panasonic Semiconductor AN8839NSB Datasheet HTML 5Page - Panasonic Semiconductor AN8839NSB Datasheet HTML 6Page - Panasonic Semiconductor AN8839NSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICs for Compact Disc/CD-ROM Player
AN8839NSB
5
s Electrical Characteristics at Ta = 25°C (continude)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
RF amplification
RF amp. offset voltage
VRF-OF VCC = 3 V
−910 −710 −510
mV
RF amp. transfer gain
GRF
VCC = 3 V
7.7
9.3
10.9
dB
RF-amp.
GRFF
VCC = 3 V
−2.8 − 0.6
1.6
dB
frequency characteristics *
f
= 500 kHz, 3 MHz
RF-amp.
GEQ1
VCC = 3 V
− 0.8
1.0
2.9
dB
EQ characteristics *
f
= 500 kHz, 1.5 MHz
RF-amp. capable drive current
IRFO
VCC = 3 V
220

µA
RF detection
RFDET det. operation
VNRF
VCC = 3 V, f = 500 kHz
88
132
176
mV[p-p]
RFDET high-level
VNRF-H VCC = 3 V, f = 500 kHz
2.6

V
RFDET low-level
VNRF-L VCC = 3 V, f = 500 kHz

0.4
V
BDO
BDO detection level
VBDO
VCC = 3 V
−63
−37
−11
mV
BDO high-level
VBDO-H f = 5 kHz, 170 mV[p-p], VCC = 3 V
2.6

V
BDO low-level
VBDO-L f = 5 kHz, 170 mV[p-p], VCC = 3 V

0.4
V
OFTR
OFTR detection current
ICSOFTR VCC = 3 V
1.03
1.45
1.87
µA
OFTR high-level
VOFT-H VCC = 3 V, f = 5 kHz, 700 mV[p-p]
2.6

V
OFTR low-level
VOFT-L VCC = 3 V, f = 5 kHz, 700 mV[p-p]

0.4
V
LD APC
APC operating voltage
VAPC
VCC = 3 V
147
170
193
mV
3TENV
ENV-amp. offset voltage
VENV-OF VCC = 3 V
−125
0
125
mV
CEA-ENV
GCENV
VCC = 3 V
6
7.6
9.2
times
transfer characteristics
CEA input impedance
ZCEA
VCC = 3 V
8.1
10.5
12.9
k
ENV output impedance
ZENV
VCC = 3 V
8.1
10.5
12.9
k
ENV amp. operation
VOP-ENV VCC = 3 V, f = 800 kHz, AM modulation
70
100
130
mV[p-p]
Focus error amp.
Focus error amp.
XFEDZ1 VCC = 3 V
−10
0
10
mV
dead zone width 1
VFB = VREF
Focus error amp.
XFEDZ2 VCC = 3 V
−10
0
10
mV
dead zone width 2
VFB = VREF
Focus error amp.
∆X
FEDZ1
VCC = 3 V
−80
8
mV
relative dead zone width
VFB = VREF
Note) *: The values mentioned above are subject to change according to the state of a printed circuit board, a socket, etc.


Similar Part No. - AN8839NSB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN883 SILABS-AN883 Datasheet
950Kb / 4P
   LOW-COST IC LEVEL TRANSLATOR
logo
Panasonic Semiconductor
AN8837SB PANASONIC-AN8837SB Datasheet
70Kb / 7P
   Low power consumption CD-DA head amplifier IC for 3-beam system optical pick-up
More results

Similar Description - AN8839NSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8837SB PANASONIC-AN8837SB Datasheet
70Kb / 7P
   Low power consumption CD-DA head amplifier IC for 3-beam system optical pick-up
AN8808SB PANASONIC-AN8808SB Datasheet
86Kb / 10P
   Three-Beam Method Head Amplifier IC for CD supporting the hologram pick-up
AN8806SB PANASONIC-AN8806SB Datasheet
89Kb / 10P
   Three-Beam Method Head Amplifier IC for CD Player
AN8807SB PANASONIC-AN8807SB Datasheet
90Kb / 10P
   Three-Beam Method Head Amplifier IC for CD-ROM
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
   CD-ROM Drive Head Amplifier IC
logo
Sensortechnics GmbH
LD65E7S-A SENSORTECHNICS-LD65E7S-A Datasheet
1Mb / 4P
   Optical Pick Up
LD65F6S-A SENSORTECHNICS-LD65F6S-A Datasheet
1Mb / 6P
   Optical Pick-up
LD65F7S-A SENSORTECHNICS-LD65F7S-A Datasheet
1Mb / 6P
   Optical Pick-up
logo
Samsung semiconductor
S5L9276 SAMSUNG-S5L9276 Datasheet
182Kb / 50P
   OPTICAL CD MP3 SYSTEM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com