Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC74Q Datasheet(PDF) 1 Page - Texas Instruments

Part # HC74Q
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC74Q Datasheet(HTML) 1 Page - Texas Instruments

  HC74Q Datasheet HTML 1Page - Texas Instruments HC74Q Datasheet HTML 2Page - Texas Instruments HC74Q Datasheet HTML 3Page - Texas Instruments HC74Q Datasheet HTML 4Page - Texas Instruments HC74Q Datasheet HTML 5Page - Texas Instruments HC74Q Datasheet HTML 6Page - Texas Instruments HC74Q Datasheet HTML 7Page - Texas Instruments HC74Q Datasheet HTML 8Page - Texas Instruments HC74Q Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74HC74Q1
DUAL DTYPE POSITIVEEDGETRIGGERED FLIPFLOP
WITH CLEAR AND PRESET
SCLS577 − MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 15 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
† Contact factory for details. Q100 qualification data available on
request.
description/ordering information
The SN74HC74 device contains two independent D-type positive-edge-triggered flip-flops. A low level at the
preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When
PRE and CLR are inactive (high), data at the data (D) input meeting the setup time requirements are transferred
to the outputs on the positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a voltage level and
is not directly related to the rise time of CLK. Following the hold-time interval, data at the D input can be changed
without affecting the levels at the outputs.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − D
Reel of 2500
SN74HC74QDRQ1
HC74Q
−40
°C to 125°C
TSSOP − PW
Reel of 2000
SN74HC74QPWRQ1
HC74Q
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUTS
PRE
CLR
CLK
D
Q
Q
L
H
X
X
H
L
H
LX
XL
H
L
LX
X
H†
H†
H
H
HH
L
H
H
LL
H
H
H
L
X
Q0
Q0
† This configuration is nonstable; that is, it does not
persist when PRE or CLR returns to its inactive
(high) level.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2CLK
2PRE
2Q
2Q
D OR PW PACKAGE
(TOP VIEW)
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - HC74Q

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC74 SLS-HC74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Faraday Technology
HC7425FPA FARADAY-HC7425FPA Datasheet
200Kb / 2P
   HC SERIES HDTV FILTERS
HC7425SPA FARADAY-HC7425SPA Datasheet
200Kb / 2P
   HC SERIES HDTV FILTERS
logo
ON Semiconductor
HC74AG ONSEMI-HC74AG Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
logo
Hitachi Semiconductor
HC74HC444 HITACHI-HC74HC444 Datasheet
82Kb / 12P
   Quad. Tridirectional Bus Transceiver(with noninverted/inverted 3-state outputs)
More results

Similar Description - HC74Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
   Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com