Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW414EHAZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQW414EHAZ
Description  General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW414EHAZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQW414EHAZ Datasheet HTML 1Page - Panasonic Semiconductor AQW414EHAZ Datasheet HTML 2Page - Panasonic Semiconductor AQW414EHAZ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GU-E PhotoMOS (AQW414EH)
4. Reverse (ON) time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient
temperature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
0.2
0.4
0.6
–40
0.8
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
7. LED dropout voltage vs. ambient
temperature characteristics;
LED current: 5 to 50 mA
8. Current vs. voltage characteristics of output
at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
9. Off state leakage current vs. load voltage
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
0
–20
–40
20
40
60
8085
1.5
1.4
1.3
1.2
1.1
1.0
0
50mA
30mA
20mA
10mA
5mA
Ambient temperature,
°C
5
3
–5
–3
60
40
20
–20
–40
–60
–80
–100
–120
–140
–2
–4
24
1
–1
Voltage, V
140
120
100
80
0
60
100
20
40
80
10
–3
10
–6
10
–9
10
–12
Load voltage, V
10. Operate (OFF) time vs. LED forward
current characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11. Reverse (ON) time vs. LED forward current
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
0
0.5
1.5
1
2
2.5
3.5
3
10
20
030
40
50
60
LED forward current, mA
0
0.1
0.2
10
020
30
40
0.5
50
60
0.4
0.3
LED forward current, mA
0
120
100
80
60
40
20
10
20
30
40
50
60
0
Applied voltage, V
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AQW414EHAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
AQW414 ETC2-AQW414 Datasheet
169Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQW414A ETC2-AQW414A Datasheet
169Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQW414S ETC-AQW414S Datasheet
158Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results

Similar Description - AQW414EHAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Sharp Corporation
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com