Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS27HC010-30T Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-30T
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-30T Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS27HC010-30T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-30T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISSI®
IS27HC010
4
Integrated Silicon Solution, Inc.
EP009-1F
07/18/97
Output OR-Tieing
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1.
Low memory power dissipation, and
2.
Assurance that output bus contention will not
occur.
It is recommended that
CE be decoded and used as the
primary device-selecting function, while
OE be made a
common connection to all devices in the array and con-
nected to the READ line from the system control bus. This
assures that all deselected memory devices are in their
low-power standby mode and that the output pins are only
active when data is desired from a particular memory
device.
System Applications
During the switch between active and standby conditions,
transient current peaks are produced on the rising and
falling edges of Chip Enable. The magnitude of these
transient current peaks is dependent on the output capaci-
tance loading of the device at a minimum, a 0.1
µF ceramic
capacitor (high-frequency, low inherent inductance) should
be used on each device between VCC and GND to mini-
mize transient effects. In addition, to overcome the voltage
drop caused by the inductive effects of the printed circuit
board traces on EPROM arrays, a 4.7
µF bulk electrolytic
capacitor should be used between VCC and GND for each
eight devices. The location of the capacitor should be
close to where the power supply is connected to the array.
TRUTH TABLE(1,2)
Mode
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
PGM
PGM
PGM
PGM
PGM
A0
A9
VPP
Outputs
Read
VIL
VIL
XXX
VCC
DOUT
Output Disable
VIL
VIH
XXX
VCC
Hi-Z
Standby
VIH
XXXX
VCC
Hi-Z
Program
VIL
VIH
VIL
XX
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
VPP
DOUT
Program Inhibit
VIH
XXXX
VPP
Hi-Z
Auto Select(3,5)
Manufacturer Code
VIL
VIL
XVIL
VH
VCC
D5H
Device Code
VIL
VIL
XVIH
VH
VCC
0EH
Notes:
1. VH = 12.0V
± 0.5V.
2. X = Either VIH or VIL.
3. A1-A8 = A10-A16 = VIL.
4. See DC Programming Characteristics for VPP voltage during programming.
5. The IS27HC010 can use the same write algorithm during program as other IS27C010 or IS27010 devices.
LOGIC SYMBOL
17
DQ0-DQ7
A0-A16
CE (E)
PGM (P)
OE (G)
8


Similar Part No. - IS27HC010-30T

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-30T

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com