Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1537MA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1537MA
Description  Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1537MA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1537MA Datasheet HTML 1Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 2Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 3Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 4Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 5Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 6Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 7Page - Fairchild Semiconductor FAN1537MA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FAN1537
PRODUCT SPECIFICATION
2
REV. 1.1.1 3/20/02
Pin Assignments
Pin Descriptions
Absolute Maximum Ratings
Pin Name
SO-8
SPAK
DPAK
Pin Function
VIN
1
1
Input supply voltage
NC/FB
2
2
For V2 fixed, no connect. For V2 adjustable, feedback voltage.
V1
3
4/5
Output #1
V2
4
5/4
Output #2
GND
5, 6, 7, 8
3
Ground
Parameter
Min.
Max.
Unit
VIN
10
V
Operating Junction Temperature Range
0
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
TOP VIEW
GND
GND
GND
GND
1
12
3
4 5
2
3
4
8
7
6
5
VIN
NC
V1
V2
8-Lead Plastic SO-8
Θ
JC=25°C/W
FAN1537PB
FRONT VIEW
5-Lead SPAK
Θ
JC=2°C/W
FAN1537PA
FAN1537PC
FRONT VIEW
5-Lead SPAK
Θ
JC=2°C/W
12
3
4 5
FRONT VIEW
FAN1537DA
FAN1537DC
FRONT VIEW
FAN1537DB
5-Lead Plastic TO-252 DPAK
Θ
JC=3°C/W Tab is GND
12
3
4
5
1
2
3
4
5


Similar Part No. - FAN1537MA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Similar Description - FAN1537MA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com