Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS27HC010-30TI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-30TI
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-30TI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS27HC010-30TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS27HC010-30TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISSI®
IS27HC010
Integrated Silicon Solution, Inc.
11
EP009-1F
07/18/97
ORDERING INFORMATION
Industrial Range: –40
°C to +85°C
Speed (ns)
Order Part Number
Package
30
IS27HC010-30PLI
PLCC – Plastic Leaded Chip Carrier
IS27HC010-30TI
TSOP
45
IS27HC010-45PLI
PLCC – Plastic Leaded Chip Carrier
IS27HC010-45TI
TSOP
70
IS27HC010-70PLI
PLCC – Plastic Leaded Chip Carrier
IS27HC010-70TI
TSOP
ORDERING INFORMATION
Commercial Range: 0
°C to +70°C
Speed (ns)
Order Part Number
Package
30
IS27HC010-30W
600-mil Plastic DIP
IS27HC010-30PL
PLCC – Plastic Leaded Chip Carrier
IS27HC010-30T
TSOP
45
IS27HC010-45W
600-mil Plastic DIP
IS27HC010-45PL
PLCC – Plastic Leaded Chip Carrier
IS27HC010-45T
TSOP
70
IS27HC010-70W
600-mil Plastic DIP
IS27HC010-70PL
PLCC – Plastic Leaded Chip Carrier
IS27HC010-70T
TSOP
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Fax: (408) 588-0806
Toll Free: 1-800-379-4774
http://www.issiusa.com


Similar Part No. - IS27HC010-30TI

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-30TI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com