Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1537MB Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN1537MB
Description  Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1537MB Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1537MB Datasheet HTML 1Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 2Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 3Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 4Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 5Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 6Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 7Page - Fairchild Semiconductor FAN1537MB Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
FAN1537
REV. 1.1.1 3/20/02
3
Electrical Characteristics (Operating Conditions: VIN ≤ 7V, TJ=25°C unless otherwise specified.)
The • denotes specifications which apply over the specified operating temperature range of 0°C to 125°C junction temperature.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Power dissipation is determined by input/output differential and the output current. Guaranteed maximum output power will
not be available over the full input/output voltage range.
3. ESR = 0.2
Ω.
4. For adjust only, VOUT = VREF (1 + R1/R2)
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltages
10mA
≤ IOUT ≤ 1A
4.75V
≤ VIN ≤ 7V
1.764
1.742
2.450
2.420
3.234
3.200
1.8
1.8
2.500
2.500
3.300
3.300
1.836
1.858
2.550
2.580
3.366
3.400
V
Output Voltage
3.3V Output, VIN = 4.5V, IOUT = 1A
3.2
V
Time to Output Voltages Valid
From VIN
≥ 4.75V
5
msec
Reference Voltage, VREF
10mA
≤ IOUT ≤ 1A
4.75V
≤ VIN ≤ 7V
1.225
1.210
1.250
1.250
1.275
1.290
V
Line Regulation1,2
(both outputs)
4.75V
≤ VIN ≤ 7V, IOUT = 10mA
0.005
0.5
%
Load Regulation1,2
(both outputs)
VIN = 4.75V, 10mA
≤ IOUT ≤ 1A
0.05
0.5
%
Dropout Voltage
(3.3V output)
∆VOUT = 1%, IOUT = 1A
1.100
1.300
V
Current Limit
(both outputs)
VIN = 5V
1.3
1.5
A
Minimum Load Current
(both outputs)
4.75V
≤ VIN ≤ 7V
10
mA
Quiescent Current
VIN = 7V
615
mA
Ripple Rejection3
(both outputs)
f = 120Hz, COUT = 22µF Tantalum,
VIN = 5V, IOUT = 1A
60
dB
Long-Term Stability
TA = 125°C, 1000 hrs.
0.03
1.0
%
RMS Output Noise (% of VOUT)TA = 25°C, 10Hz
≤ f ≤ 10kHz
0.003
%
Thermal Resistance, Junction to
Case
SO-8
50
°C/W
TO-252 DPAK
3
°C/W
SPAK
2
°C/W
Thermal Shutdown
155
°C
Thermal Shutdown Hysteresis
Junction Temperature
10
°C


Similar Part No. - FAN1537MB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Similar Description - FAN1537MB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com