Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS27HC010-45TI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS27HC010-45TI
Description  131,072 x 8 HIGH-SPEED CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS27HC010-45TI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS27HC010-45TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS27HC010-45TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISSI®
IS27HC010
Integrated Silicon Solution, Inc.
5
EP009-1F
07/18/97
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
All pins except A9 and VPP
–0.6 to VCC + 0.5(2)
V
VPP
VCC – 0.3 to 13.5(2,3)
V
A9
–0.6 to 13.5(2,3)
V
VCC
–0.6 to 7.0(2)
V
TA
Ambient Temperature with Power Applied
–65 to +125
°C
TSTG
Storage Temperature (OTP)
–65 to +125
°C
TSTG
Storage Temperature (All others)
–65 to +150
°C
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. Minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods less than 10
ns. Maximum DC voltage on output pins is VCC + 0.5V which may overshoot to VCC + 2.0V for periods less than
10 ns.
3. Maximum DC voltage on A9 or VPP may overshoot to +13.5V for periods less than 10 ns.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial(1)
–40
°C to +85°C
5V
± 10%
Note:
1. Operating ranges define those limits between which the
functionally of the device is guaranteed.
DC ELECTRICAL CHARACTERISTICS(1,2,3) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 12 mA
0.45
V
VIH
Input HIGH Voltage(4)
2.0
VCC + 0.5
V
VIL
Input LOW Voltage(4)
–0.3
0.8
V
ILI
Input Load Current
VIN = 0V to +VCC
5.0
µA
ILO
Output Leakage Current
VOUT = 0V to +VCC
—10
µA
Notes:
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. Never try to force VPP LOW to 1V
below VCC. Manufacturer suggests to tie VPP and Vcc together during the READ operation.
2. Caution: the IS27HC010 must not be removed from (or inserted into) a socket when VCC or VPP is applied.
3. Minimum DC input voltage is –0.5V. During transitions, the inputs may undershoot to –2.0V for periods less than 10 ns.
Maximum DC voltage on output pins is VCC + 0.5V which may overshoot to VCC + 2.0V for periods less than 10 ns.
4. Tested under static DC conditions.


Similar Part No. - IS27HC010-45TI

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Pulse handling capability
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS27HC010-45TI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
   HIGH SPEED 16K x 8 CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
OKI electronic componet...
MSM548128BL OKI-MSM548128BL Datasheet
176Kb / 12P
   131,072-Word X 8-Bit High-Speed PSRAM
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com