Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6520BIMX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN6520BIMX
Description  Single Synchronous Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520BIMX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6520BIMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 9Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 10Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 11Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 12Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 13Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.fairchildsemi.com
FAN6520B Rev. 1.0.3
PLDRV is dissipation of the lower FET driver.
PLDRV = PL(R) × PL(F)
(10)
Where PH(R) and PH(F) are internal dissipations for the
rising and falling edges, respectively:
where:
PQ2 = QG2 × VGS(Q2) × FSW
(13)
Power MOSFET Selection
For more information on MOSFET selection for synchro-
nous buck regulators, refer to: AN-6005: Synchronous
Buck MOSFET Loss Calculations.
This Fairchild app note is located at:
http://www.fairchildsemi.com/an/AN/AN-6005.pdf
Losses in a MOSFET are the sum of its switching (PSW)
and conduction (PCOND) losses.
In typical applications, the FAN6520B converter's output
voltage is low with respect to its input voltage, therefore
the lower MOSFET (Q2) is conducting the full load cur-
rent for most of the cycle. Therefore choose a MOSFET
for Q2 which has low RDS(ON) to minimize conduction
losses.
In contrast, the high-side MOSFET (Q1) has a much
shorter duty cycle, and its conduction loss will therefore
have less of an impact. Q1, however, sees most of the
switching losses, so Q1’s primary selection criteria
should be gate charge.
High-Side Losses
Figure 9 shows a MOSFET’s switching interval, with the
upper graph being the voltage and current on the Drain
to Source and the lower graph detailing VGS vs. time with
a constant current charging the gate. The x-axis, there-
fore, is also representative of gate charge (QG) . CISS =
CGD + CGS, and it controls t1, t2, and t4 timing. CGD
receives the current from the gate driver during t3 (as
VDS is falling). The gate charge (QG) parameters on the
lower graph are either specified or can be derived from
the MOSFET’s datasheet.
Assuming switching losses are about the same for both
the rising edge and falling edge, Q1’s switching losses,
occur during the shaded time when the MOSFET has
voltage across it and current through it.
These losses are given by:
PUPPER = PSW + PCOND
where:
PUPPER is the upper MOSFET’s total losses, and PSW
and PCOND are the switching and conduction losses for a
given MOSFET. RDS(ON) is at the maximum junction tem-
perature (TJ). tS is the switching period (rise or fall time)
and is t2+t3 (Figure 9).
The driver’s impedance and CISS determine t2 while t3’s
period is controlled by the driver’s impedance and QGD.
Since most of tS occurs when VGS = VSP we can use a
constant current assumption for the driver to simplify the
calculation of tS:
Figure 9. Switching Losses and QG
Figure 10. Drive Equivalent Circuit
P
LR
()
P
Q2
R
LUP
R
LUP
R
E
R
G
++
-------------------------------------------
×
=
(11)
P
LF
()
P
Q2
R
LDN
R
HDN
R
E
R
G
++
--------------------------------------------
×
=
(12)
P
SW
V
DS
I
L
×
2
---------------------
2
×
t
s
×

 F
SW
=
(14)
P
COND
V
OUT
V
IN
--------------

 I
OUT
2
×
R
DS ON
()
×
=
(15)
V
SP
t1
t2
t3
4.5V
t4
t5
Q
G(SW)
V
DS
I
D
Q
GS
Q
GD
V
TH
V
GS
C
ISS
C
GD
C
ISS
C
GD
R
D
R
GATE
CGS
HDRV
5V
SW
VIN
G


Similar Part No. - FAN6520BIMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520BIMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com