Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4741A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 1N4741A
Description  COLOR BAND DENOTES CATHODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4741A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  1N4741A Datasheet HTML 1Page - Fairchild Semiconductor 1N4741A Datasheet HTML 2Page - Fairchild Semiconductor 1N4741A Datasheet HTML 3Page - Fairchild Semiconductor 1N4741A Datasheet HTML 4Page - Fairchild Semiconductor 1N4741A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
1N4728A - 1N4764A Rev. G2
Top Mark Information
Device
Line 1
Line 2
Line 3
Line 4
Line 5
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
28
29
30
31
32
A
A
A
A
A
XY
XY
XY
XY
XY
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
33
34
35
36
37
A
A
A
A
A
XY
XY
XY
XY
XY
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
38
39
40
41
42
A
A
A
A
A
XY
XY
XY
XY
XY
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
43
44
45
46
47
A
A
A
A
A
XY
XY
XY
XY
XY
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
48
49
50
51
52
A
A
A
A
A
XY
XY
XY
XY
XY
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
53
54
55
56
57
A
A
A
A
A
XY
XY
XY
XY
XY
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
58
59
60
61
62
A
A
A
A
A
XY
XY
XY
XY
XY
1N4763A
1N4764A
LOGO
LOGO
47
47
63
64
A
A
XY
XY


Similar Part No. - 1N4741A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4741A PHILIPS-1N4741A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4741A VISHAY-1N4741A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4741A VISHAY-1N4741A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Anova Technologies CO.,...
1N4741A ANOVA-1N4741A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4741A ETC1-1N4741A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4741A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
Yea Shin Technology Co....
B5819WSFL YEASHIN-B5819WSFL Datasheet
202Kb / 3P
   Band Indicates Cathode
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Lucky Light Electronic
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
   3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Sony Corporation
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
   Base Band Hue/Color Control
logo
Communications & Power ...
3CX10-000U7 CPI-3CX10-000U7 Datasheet
113Kb / 1P
   Cathode driven low band TV linear RF amplifier
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Wurth Elektronik GmbH &...
150141RS73140 WURTH-150141RS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
150141BS73140 WURTH-150141BS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com