Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8444 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD8444
Description  N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2mOhm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD8444 Datasheet HTML 1Page - Fairchild Semiconductor FDD8444 Datasheet HTML 2Page - Fairchild Semiconductor FDD8444 Datasheet HTML 3Page - Fairchild Semiconductor FDD8444 Datasheet HTML 4Page - Fairchild Semiconductor FDD8444 Datasheet HTML 5Page - Fairchild Semiconductor FDD8444 Datasheet HTML 6Page - Fairchild Semiconductor FDD8444 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDD8444 Rev A (W)
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
C , CASE TEMPERATURE(
oC)
Figure 2.
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
180
VGS=10V
CURRENT LIMITED
BY PACKAGE
T
C , CASE TEMPERATURE(
oC)
Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
SINGLE PULSE
D = 0.5
0.2
0.1
0.05
0.02
0.01
t, Rectangular Pulse Duration (s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
SINGLE PULSE
t, Rectangular Pulse Duration (s)
2000
V
GS = 10V
TC = 25oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION


Similar Part No. - FDD8444

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
logo
Inchange Semiconductor ...
FDD8444 ISC-FDD8444 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD8444-F085 ONSEMI-FDD8444-F085 Datasheet
719Kb / 7P
   N-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
VBsemi Electronics Co.,...
FDD8444-NL VBSEMI-FDD8444-NL Datasheet
1,003Kb / 8P
   N-Channel 4 -V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDD8444

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
FDD8445 FAIRCHILD-FDD8445 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7mOhm
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com