Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOP601 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOP601
Description  Complementary Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP601 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOP601 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOP601 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
VDS
IDM
TJ, TSTG
-30
±20
Gate-Source Voltage
A
Continuous Drain
Current
A
TA=25°C
ID
TA=70°C
Pulsed Drain Current
B
W
7.5
6
30
2.5
1.6
-5.3
-6.6
2.5
1.6
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
30
-30
±20
Drain-Source Voltage
TA=70°C
Power Dissipation
TA=25°C
PD
Units
V
Junction and Storage Temperature Range
-55 to 150
-55 to 150
Parameter
Maximum Schottky
Reverse Voltage
30
A
TA=70°C
2.7
Pulsed Forward Current
B
20
Continuous Forward
Current
A
TA=25°C
ID
4
W
TA=70°C
1.6
Junction and Storage Temperature Range
-55 to 150
°C
Power Dissipation
A
TA=25°C
PD
2.5
AOP601
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 30V
-30V
ID = 7.5A (VGS = 10V) -6.6A
RDS(ON)
< 28m
< 35m
Ω (V
GS = -10V)
< 43m
< 58m
Ω (V
GS = -4.5V)
Schottky
VDS=30V, IF=3A, VF<0.5V@1A
General Description
The AOP601 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. The
complementary MOSFETs form a high-speed power
inverter, suitable for a multitude of applications. A
Schottky diode in parallel with the n-channel FET
reduces body diode related losses. Standard
Product AOP601 is Pb-free (meets ROHS & Sony
259 specifications). AOP601L is a Green Product
ordering option. AOP601 and AOP601L are
electrically identical.
D2
G2
S2
G1
D1
S1
K
A
G1
S1/A
G2
S2
D1/K
D1/K
D2
D2
1
2
3
4
8
7
6
5
N-ch
P-ch
PDIP-8
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOP601

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP600 AOSMD-AOP600 Datasheet
150Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOP600L AOSMD-AOP600L Datasheet
150Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
OPTEK Technologies
AOP604 OPTEK-AOP604 Datasheet
842Kb / 11P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605 Datasheet
188Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOP605 AOSMD-AOP605 Datasheet
107Kb / 5P
   Plastic Encapsulated Device
More results

Similar Description - AOP601

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com