Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOP804L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOP804L
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP804L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOP804L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP804L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP804L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP804L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AOP804
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
2.3
3
V
ID(ON)
20
A
42
56
TJ=125°C
75
54
77
m
gFS
11
S
VSD
0.78
1
V
IS
4A
Ciss
450
540
pF
Coss
60
pF
Crss
25
pF
Rg
1.65
2
Qg(10V)
8.5
10.5
nC
Qg(4.5V)
4.3
5.5
nC
Qgs
1.6
nC
Qgd
2.2
nC
tD(on)
5.1
ns
tr
2.6
ns
tD(off)
15.9
ns
tf
2ns
trr
25.1
35
ns
Qrr
28.7
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Body Diode Reverse Recovery Charge
Total Gate Charge
IF=4.7A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=4.7A, dI/dt=100A/µs
Input Capacitance
N Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=48V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
m
VGS=4.5V, ID=4A
VDS=5V, ID=4.7A
IS=1A,VGS=0V
VGS=10V, ID=4.7A
Diode Forward Voltage
VGS=10V, VDS=30V, RL=6Ω,
RGEN=3Ω
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=30V, ID=4.7A
VGS=0V, VDS=30V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Reverse Transfer Capacitance
Gate resistance
Output Capacitance
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev2: August 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOP804L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP800 AOSMD-AOP800 Datasheet
114Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AOP800L AOSMD-AOP800L Datasheet
114Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AOP802 AOSMD-AOP802 Datasheet
115Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AOP802L AOSMD-AOP802L Datasheet
115Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AOP806 AOSMD-AOP806 Datasheet
114Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOP804L

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com