Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOL1426L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOL1426L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1426L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOL1426L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1426L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1426L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1426L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1426L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
24
30
53
64
RθJC
2.4
3.5
A
TA=70°C
8
Continuous Drain
Current
H
TA=25°C
IDSM
10
A
Repetitive avalanche energy L=0.3mH
C
184
mJ
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Pulsed Drain Current
Power Dissipation
B
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Ambient
A
Steady-State
46
33
120
Avalanche Current
C
35
Power Dissipation
A
TA=25°C
PDSM
Continuous Drain
Current
B
Maximum
Units
Parameter
TC=25°C
TC=100°C
30
W
Junction and Storage Temperature Range
A
PD
°C
43
21
-55 to 175
TC=100°C
ID
2.0
W
TA=70°C
1
AOL1426
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 46A (VGS = 10V)
RDS(ON) <10.5mΩ (VGS = 10V)
RDS(ON) < 12.5mΩ (VGS = 4.5V)
General Description
The AOL1426 uses advanced trench technology to
provide excellent RDS(ON), low gate charge.This device
is suitable for use as a high side switch in SMPS and
general purpose applications. Standard Product
AOL1426 is Pb-free (meets ROHS & Sony 259
specifications). AOL1426L is a Green Product
ordering option. AOL1426 and AOL1426L are
electrically identical.
Ultra
SO-8
TM Top View
Bottom tab
connected to
drain
Fits SOIC8
footprint !
S
G
D
D
S
G
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOL1426L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1426 AOSMD-AOL1426 Datasheet
236Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1426 AOSMD-AOL1426_08 Datasheet
236Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1426L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com