Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON4602L Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AON4602L
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4602L Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

  AON4602L Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4602L Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4602L Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4602L Datasheet HTML 4Page - Alpha & Omega Semiconductors AON4602L Datasheet HTML 5Page - Alpha & Omega Semiconductors AON4602L Datasheet HTML 6Page - Alpha & Omega Semiconductors AON4602L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AON4602
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
165
0
1
2
3
4
5
02
468
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
0
5
10
15
20
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0
5
10
15
20
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Ton
T
PD
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=75°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1
1.0
10.0
100.0
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased
Safe Operating Area (Note E)
100
μs
10ms
1ms
0.1s
1s
DC
RDS(ON)
limited
10
μs
TJ(Max)=150°C
TA=25°C
VDS=-10V
ID=-3.4A
Single Pulse
TJ(Max)=150°C
TA=25°C
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AON4602L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4603 AOSMD-AON4603 Datasheet
155Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4604 AOSMD-AON4604 Datasheet
160Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4605 AOSMD-AON4605 Datasheet
424Kb / 9P
   30V Complementary MOSFET
More results

Similar Description - AON4602L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com