Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACD82224 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ACD82224
Description  24 Ports 10/100 Fast Ethernet Switch
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ACD82224 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ACD82224 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 9Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 10Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 11Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 12Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 13Page - List of Unclassifed Manufacturers ACD82224 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Page 9 of 77
Confidential
Page 9
9
Under normal operating conditions, the ACD82224 expects a received frame to have a minimum
inter frame gap (IFG). The minimum IFG required by the ACD82224 is 64 BT.
If a packet comes with an IFG less than 64 BT, the ACD82224 will not guarantee the reception of
that frame. The packet may be dropped if it is not properly received.
The ACD82224 will check all received frames for errors such as symbol error, FCS error, short
event, runt, long event, jabber, etc. Frames with any kind of error will not be forwarded to any
port.
Preamble Bit Processing
The preamble bit in the header of each frame will be used to synchronize the MAC logic with the
incoming bit stream. There is no limit on the minimum length or the maximum length of
preamble bits. After the receive-signal CRS_DV is asserted by the external PHY device, the
MAC will wait for the SFD pattern (10101011) to trigger a frame receiving process.
Destination Address Processing
As a frame comes in, the embedded Destination Address (DA) is passed to the Address
Resolution Logic (ARL). The ARL will compare it with the MAC address entries stored in the
address lookup table. A destination port is identified if a match of address is found. If external
ARL is used, the ACD82224 will indicate the present of 48-bit DA through the ARL interface. The
external ARL will use the value of DA for address comparison and return a result to the
ACD82224.
Source Address Processing
As a frame comes in, the embedded Source Address (SA) will be passed to the ARL. At the end
of the frame, if no error is detected, the SA will be used to update the address lookup table. If an
external ARL is used, the ACD82224 will indicate the presence of a SA on the ARL interface, so
that the external ARL can learn the address. The address table will be cleared after a Hardware-
Reset, but a Software-Reset will not clear the address table.
Frame Data
Frame data are transparent to the ACD82224. The ACD82224 will forward the data to destination
port(s) without interpreting the content of the frame data field.
FCS Calculation
Each port of the ACD82224 has a CRC checking logic to verify if the received frame has the
correct FCS value. An incorrect FCS value is an indication of a fragmented frame or a frame
with frame bit error. The method of calculating the CRC value is by using the following
polynomial,
G(x) = x
32
+ x
26
+ x
23
+ x
22
+ x
16
+ x
12
+ x
11
+ x
10
+ x
8
+ x
7
+ x
5
+ x
4
+ x
2
+ x + 1
as a divider to divide the bit sequence of the incoming frame, beginning with the first bit of the
destination address field, to the end of the data field. The result of the calculation, which is the


Similar Part No. - ACD82224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACD82124 ETC1-ACD82124 Datasheet
411Kb / 48P
   24 Ports 10/100 Fast Ethernet Switch Controller
More results

Similar Description - ACD82224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACD82124 ETC1-ACD82124 Datasheet
411Kb / 48P
   24 Ports 10/100 Fast Ethernet Switch Controller
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
logo
Broadcom Corporation.
BCM56302 BOARDCOM-BCM56302 Datasheet
198Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303 BOARDCOM-BCM56303 Datasheet
229Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303B1KEBG BOARDCOM-BCM56303B1KEBG Datasheet
188Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIG??PORTS
BCM5324M BOARDCOM-BCM5324M_06 Datasheet
132Kb / 2P
   SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
BCM5324M BOARDCOM-BCM5324M Datasheet
118Kb / 1P
   SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361_16 Datasheet
252Kb / 1P
   Supports six 10/100/1000Mbps Ethernet ports
ICO300 AXIOMTEK-ICO300_16 Datasheet
418Kb / 2P
   2 isolated 10/100/1000Mbps Ethernet ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com