Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7016KC-TU Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7016KC-TU
Description  Advanced PWM Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7016KC-TU Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7016KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
APW7016
www.anpec.com.tw
5
Table 1 Output Voltage Program
Pin Name
VID2
VID1
VID0
Nominal Output
Voltage Dacout
111
1.3
1
1
0
1.35
101
1.4
1
0
0
1.45
011
1.5
0
1
0
1.55
001
1.6
0
0
0
1.65
Typical Performance Curve
1
10
100
1000
10000
0
100
200
300
400
500
600
700
800
900
RT Pull up to 12V
RT Pull down to GND
RT(K
Ω) vs. Switching frequency
Switching frequency


Similar Part No. - APW7016KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7015KC-TR ANPEC-APW7015KC-TR Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7015KC-TU ANPEC-APW7015KC-TU Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
More results

Similar Description - APW7016KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com