Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBT-V102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z80DBT-V102
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80DBT-V102 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z80DBT-V102 Datasheet HTML 1Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 2Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 3Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 4Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 5Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBT-V102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
SYSTEM PARTITIONING DIAGRAM
LDO, Therm Output Drive & UVLO
Power Management
LDO, TOUT, and Power Mode control
I2C
Impedance Track (TM) + Lifetime Data Logging
SMBus
Pack +
Pack -
Discharge / Charge /
Precharge FETs
Cell and Pack
Voltage
Measurement
Precharge
FET Drive
2-Tier Overcurrent Protection
32-kHz Clock
Generator
bq20z80
768 Bytes of
User Flash
Fuse
1stLevel OV and
UV Protection
Pack Undervoltage
Power Mode
Control
Precharge Control
Delay Counters
Cell Balancing Algorithm and Control
Cell Balancing
Drive
System Interface
System Watchdog
Voltage Level Translator
System Interface
32 kHz
Power Mode Control
Fail-Safe Protection
T1
1st Level OC
Protection
Temperature Measurement
<1% Error
TINT
Supply V oltage
bq29312A
PCH FET Drive
RAM Registers
SBS v1.1 Data
bq29312 RAM/Comms Validation
bq294xx
XAlert
Sleep
Sense Resistor
(5 m - 20 mW typ)
PF Input
1
2
7
6
5
4
3
38
37
36
35
34
33
32
VIN
TS1
TS2
PU
PRES
SCLK
VSSD
NC
NC
CLKOUT
XCK1 / VSSA
XCK2 / ROSC
FILT
SAFE
VDDD
VDDA
RBI
SDATA
VSSD
SAFE
SR2
SR1
VSSA
VSSA
8
9
10
11
12
31
30
29
28
27
13
14
19
18
17
16
15
26
25
24
23
22
21
20
NC
NC
SMBC
SMBD
DISP
PFIN
MRST
XALERT
LED1
LED2
LED3
LED4
LED5
VSSD
NC - No internal connection
bq20z80-V102
SLUS681A – NOVEMBER 2005 – REVISED MARCH 2006
TSSOP (DBT)
(TOP VIEW)
2
Submit Documentation Feedback


Similar Part No. - BQ20Z80DBT-V102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBT-V102 TI-BQ20Z80DBT-V102 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80DBT-V102 TI-BQ20Z80DBT-V102 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80DBT-V102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com