Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

KRC405V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

Part No. KRC405V
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KRC405V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
2001. 7. 24
2/6
KRC401V~KRC406V
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC401V 406V
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC401V
GI
VO=5V, IO=10mA
30
55
-
KRC402V
50
80
-
KRC403V
70
120
-
KRC404V
80
200
-
KRC405V
80
200
-
KRC406V
80
200
-
Output Voltage
KRC401V 406V
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input Voltage (ON)
KRC401V
VI(ON)
VO=0.2V, IO=5mA
-
1.5
2.0
V
KRC402V
-
1.8
2.4
KRC403V
-
2.1
3.0
KRC404V
-
2.8
5.0
KRC405V
-
0.8
1.1
KRC406V
-
0.9
1.3
Input Votlage (OFF)
KRC401V 404V
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
KRC405V 406V
0.5
0.65
-
Transition Frequency
KRC401V 406V
fT *
VO=10V, IO=5mA
-
200
-
MHz
Input Current
KRC401V
II
VI=5V
-
-
1.8
mA
KRC402V
-
-
0.88
KRC403V
-
-
0.36
KRC404V
-
-
0.18
KRC405V
-
-
3.6
KRC406V
-
-
1.8


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC2695NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 4 Mitsubishi Electric Semiconductor
UNR32A7Silicon NPN epitaxial planar transistor 1 2 3 Panasonic Semiconductor
2SC3105NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 Mitsubishi Electric Semiconductor
2SC4838NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 Mitsubishi Electric Semiconductor
2SC6014NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
HJ3953NPN EPITAXIAL PLANAR TRANSISTOR 1 2 3 Hi-Sincerity Mocroelectronics
BTC945A3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC4061N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC5096WC3High Cutoff Frequency NPN Epitaxial Planar Transistor 1 2 3 4 5 MoreCystech Electonics Corp.
BTD1760J3Low Vcesat NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn