Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRC405V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC405V
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC405V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC405V Datasheet HTML 1Page - KEC(Korea Electronics) KRC405V Datasheet HTML 2Page - KEC(Korea Electronics) KRC405V Datasheet HTML 3Page - KEC(Korea Electronics) KRC405V Datasheet HTML 4Page - KEC(Korea Electronics) KRC405V Datasheet HTML 5Page - KEC(Korea Electronics) KRC405V Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2001. 7. 24
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRC401V~KRC406V
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. COMMON (EMITTER)
2. IN (BASE)
3. OUT (COLLECTOR)
+_
+_
+_
+_
+_
+_
+_
+_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25 )
BIAS RESISTOR VALUES
R1
R2
COMMON
OUT
IN
MARK SPEC
Type Name
Marking
TYPE NO.
R1(k )
R2(k )
KRC401V
4.7
4.7
KRC402V
10
10
KRC403V
22
22
KRC404V
47
47
KRC405V
2.2
47
KRC406V
4.7
47
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC401V 406V
VO
50
V
Input Voltage
KRC401V
VI
20, -10
V
KRC402V
30, -10
KRC403V
40, -10
KRC404V
40, -10
KRC405V
12, -5
KRC406V
20, -5
Output Current
KRC401V 406V
IO
100
mA
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
TYPE
KRC401V
KRC402V
KRC403V
KRC404V
KRC405V
KRC406V
MARK
NA
NB
NC
ND
NE
NF


Similar Part No. - KRC405V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC405 KEC-KRC405 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC405E KEC-KRC405E Datasheet
120Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KRC405V

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com