Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2394 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2394
Description  MAX2394/MAX2395 Evaluation Kits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2394 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2394 Datasheet HTML 1Page - Maxim Integrated Products MAX2394 Datasheet HTML 2Page - Maxim Integrated Products MAX2394 Datasheet HTML 3Page - Maxim Integrated Products MAX2394 Datasheet HTML 4Page - Maxim Integrated Products MAX2394 Datasheet HTML 5Page - Maxim Integrated Products MAX2394 Datasheet HTML 6Page - Maxim Integrated Products MAX2394 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAX2394/MAX2395 Evaluation Kits
_______________________________________________________________________________________
3
SUPPLIER
PHONE
FAX
AVX
803-946-0690
803-626-3123
Coilcraft
847-639-6400
847-639-1469
Digi-Key
800-344-4539
218-681-3380
EFJohnson
402-474-4800
402-474-4858
Murata
800-831-9172
814-238-0490
Note: Please specify you are using the MAX2394/MAX2395
when contacting these component suppliers.
Component Suppliers
EQUIPMENT
QTY
DESCRIPTION
WCDMA Signal Generator
1
Capable of generating WCDMA I/Q signals (HP E4433B or equivalent).
Power Supply
2
Capable of up to 100mA at +2.7V to +3.3V; another supply to be used for VGC.
Spectrum Analyzer
1
Capable of covering the operating frequencies of the device with optional WCDMA
personality (Rhode and Schwarz FSEA20 or equivalent).
Multimeter
1
(Optional) To measure supply current.
PC
1
Win®95, Win98, or Win2000 operating systems with parallel port
INTF2300 Interface Board
1
Supplied with the EV kit
Table 1. Test Equipment
Windows is a registered trademark of Microsoft Corp.


Similar Part No. - MAX2394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX239 MAXIM-MAX239 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX239 MAXIM-MAX239 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX239 MAXIM-MAX239 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2390 MAXIM-MAX2390 Datasheet
871Kb / 33P
   W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Rev 2; 11/05
MAX2390ETI MAXIM-MAX2390ETI Datasheet
871Kb / 33P
   W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Rev 2; 11/05
More results

Similar Description - MAX2394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com