Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3850D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3850D
Description  2.7Gbps, 3.3V DC-Coupled Laser Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3850D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3850D Datasheet HTML 3Page - Maxim Integrated Products MAX3850D Datasheet HTML 4Page - Maxim Integrated Products MAX3850D Datasheet HTML 5Page - Maxim Integrated Products MAX3850D Datasheet HTML 6Page - Maxim Integrated Products MAX3850D Datasheet HTML 7Page - Maxim Integrated Products MAX3850D Datasheet HTML 8Page - Maxim Integrated Products MAX3850D Datasheet HTML 9Page - Maxim Integrated Products MAX3850D Datasheet HTML 10Page - Maxim Integrated Products MAX3850D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2.7Gbps, +3.3V DC-Coupled Laser Driver
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1, 4, 7
VCC1
Power Supply for Digital Circuits
2
DATA+
Positive Data Input
3
DATA-
Negative Data Input
5
CLK+
Positive Clock Input. Connect to VCC or leave unconnected if latch function is not used.
6
CLK-
Negative Clock Input. Connect to VCC or leave unconnected if latch function is not used.
8
LATCH
TTL/CMOS Latch Input. High for latched data, low for direct data. Internal 100k
Ω pullup resistor
to VCC.
9
ENABLE
TTL/CMOS Enable Input. High for normal operation, low to disable laser bias and modulation
current. Internal 100k
Ω pullup resistor to VCC.
10
GND1
Ground for Digital Curcuits
11
BIASMON
Bias Current Monitor. Current into this pin is proportional to the laser bias current.
12
MODMON
Modulation Current Monitor. Current into this pin is proportional to the laser modulation current.
13
FAIL
TTL/CMOS Failure Output. Indicates APC failure when low.
14
APCFILT
Connect a capacitor (CAPCFILT = 0.1µF) from this pad to ground to filter the APC noise.
15
GND4
Ground for Output Curcuitry
16, 18, 21
VCC4
Power Supply for Output Circuitry
17
BIAS
Laser Bias Current Output
19
OUT+
Positive Modulation Current Output. IMOD flows into this pad when input data is high.
20
OUT-
Negative Modulation Current Output. IMOD flows into this pad when input data is low.
22
GND4
Ground for Modulation Current Source
23
GND3
Ground for APC Circuitry
24
MD
Monitor Diode Input. Connect this pin to a monitor photodiode anode. A capacitor to ground is
required to filter high-speed AC monitor photocurrent.
25
VCC3
Power Supply for APC
26
CAPC
A capacitor connected from this pad to ground controls the dominant pole for the APC feedback
loop (CAPC = 0.1µF).
27
GND2
Ground for Internal Reference
28
N.C.
No Connection. Leave unconnected.
29
APCSET
A resistor connected from this pad to ground sets the desired average optical power. Connect a
100k
Ω resistor from this pad to ground if APC is not used.
30
MODSET
A resistor connected from this pad to ground sets the desired modulation current.
31
BIASMAX
A resistor connected from this pad to ground sets the maximum bias current. The APC function
can subtract from this maximum value but cannot add to it.
32
VCC2
Power Supply for Internal Reference


Similar Part No. - MAX3850D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX385 MAXIM-MAX385 Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX385C/D MAXIM-MAX385C/D Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX385CPE MAXIM-MAX385CPE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX385CSE MAXIM-MAX385CSE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX385EJE MAXIM-MAX385EJE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
More results

Similar Description - MAX3850D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
logo
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Eudyna Devices Inc
F0530602B EUDYNA-F0530602B Datasheet
449Kb / 9P
   3.3V Operation Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com