Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ3182 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CNZ3182
Description  Optoisolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ3182 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CNZ3182 Datasheet HTML 1Page - Panasonic Semiconductor CNZ3182 Datasheet HTML 2Page - Panasonic Semiconductor CNZ3182 Datasheet HTML 3Page - Panasonic Semiconductor CNZ3182 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CNC7S101,CNZ3182,CNC7T101,CNC1H101
Optoisolators (Photocouplers)
IC — Ta
180
140
100
60
Ambient temperature
Ta (˚C )
0
20406080
100
20
– 20
VCE(sat) — Ta
0.10
0.08
0.06
0.04
0.02
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 40 – 20
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
IC — IF
10 2
10
1
10 –1
Forward current
I
F (mA)
110
10 2
10 –2
10 –1
VCC = 5V
Ta = 25˚C
– 40 – 20
0
40
80
20
60
100
ICEO — Ta
10 4
1
10 –1
10 2
10
10 3
Ambient temperature
Ta (˚C )
VCE = 20V
10 –2
PC , PD — Ta
160
120
80
40
Ambient temperature
Ta (˚C )
0
20406080
120
100
0
– 20
IC — VCE(sat)
Collector to emitter saturation voltage V
CE(sat) (V)
10 2
1
10
0
0.2
0.4
0.6
0.1
0.3
0.5
10 –1
IC — VCE
50
10
20
30
40
Collector to emitter voltage
V
CE (V)
2
468
12
10
0
0
tr — IC
10
1
Collector current
I
C (mA)
110
10 –2
10 –1
10 –1
10 2
10 2
PC
PD
25mA
20mA
15mA
10mA
5mA
1mA
2mA
IF = 30mA
10%
90%
td
tr
tf
RL
VCC
V1
V2
V2
V1
50
Sig.IN
RL = 1kΩ
500
100
IF = 50mA
20mA
10mA
5mA
2mA
1mA


Similar Part No. - CNZ3182

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ3182 PANASONIC-CNZ3182 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
More results

Similar Description - CNZ3182

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com