Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1617ADS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE1617ADS
Description  Temperature monitor for microprocessor systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617ADS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE1617ADS Datasheet HTML 5Page - NXP Semiconductors NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors NE1617ADS Datasheet HTML 10Page - NXP Semiconductors NE1617ADS Datasheet HTML 11Page - NXP Semiconductors NE1617ADS Datasheet HTML 12Page - NXP Semiconductors NE1617ADS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Philips Semiconductors
Product data sheet
NE1617A
Temperature monitor for microprocessor systems
2004 Oct 05
9
FUNCTIONAL DESCRIPTION
The NE1617A contains an integrating A-to-D converter, an analog
multiplexer, a status register, digital data registers, SMBus interface,
associated control logic and a local temperature sensor or channel.
The remote diode-type sensor or channel should be connected to
the D+ and D– pins properly.
Temperature measurements or conversions are either automatically
and periodically activated when the device is in free-running mode
(both STBY pin = HIGH, and the configuration register BIT6 = LOW)
or generated by one-shot command. The free-running period is
selected by changing the programmable data of the conversion rate
register as described later. For each conversion, the multiplexer
switches current sources through the remote and local temperature
sensors over a period of time, about 60 ms, and the voltages across
the diode-type sensors are sensed and converted into the
temperature data by the A-to-D converter. The resulting temperature
data is then stored in the temperature registers, in 8-bit, two’s
complement word format and automatically compared with the limits
which have been programmed in the temperature limit registers.
Results of the comparison are reflected accordingly by the flags
stored in the status register, an out-of-limit condition will set the
ALERT output pin to its LOW state. Because both channels are
automatically measured for each conversion, the results are
updated for both channels at the end of every successful
conversion.
Remote diode selection
The method of the temperature measurement is based on the
change of the diode VBE at two different operating current levels
given by:
DVBE + KT
q < LN(N)
where:
∆VBE = change in base emitter voltage drop at two current levels
K: Boltzman’s constant
T: absolute temperature in
° Kelvin
q: charge on the electron
N: ratio of the two currents
LN: natural logarithm
The NE1617A forces two well-controlled current sources of about
10
µA and 100 µA and measures the remote diode VBE. The
sensed voltage between two pins D+ and D– is limited between
0.25 V and 0.95 V. The external diode must be selected to meet this
voltage range at these two current levels. The diode-connected PNP
transistor provided on the microprocessor is typically used, or the
discrete diode-connected transistor 2N3904 or 2N3906 is
recommended as an alternative.
Even though the NE1617A integrating A-to-D converter has a good
noise performance, using the average of 10 measurement cycles,
high frequency noise filtering between D+ and D– should be
considered. An external capacitor of 2200 pF typical (but not higher
than 3300 pF) connected between D+ and D– is recommended.
Capacitance higher than 3300 pF will introduce measurement error
due to the rise time of the switched current source.
No calibration is required
As mentioned in the ‘Remote diode selection’ section, the NE1617A
uses two well-controlled current sources of 10:1 ratio to measure the
forward voltage of the diode (VBE). This technique eliminates the
diode saturation current, IS (a heavily process and temperature
dependent variable) and results in the forward voltage being
proportional to absolute temperature.
Address logic
The address pins of the NE1617A can be forced into one of three
levels: LOW (GND), HIGH (VDD), or Not Connected (NC). Because
the NE1617A samples and latches the address pins at the starting
of every conversion, it is suggested that those address pins should
be hard-wired to the logic applied, so that the logic is consistently
existed at the address pins. During the address sensing period, the
device forces a current at each address pin and compares the
voltage developed across the external connection with the
predefined threshold voltage in order to define the logic level. If an
external resistor is used for the connection of the address, then its
value should be less than 2 k
Ω to prevent the error in logic detection
from happening. Resistors of 1 k
Ω are recommended.


Similar Part No. - NE1617ADS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617ADS NXP-NE1617ADS Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results

Similar Description - NE1617ADS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com