Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CND0201A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CND0201A
Description  Optical Transmission Module for IrDA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CND0201A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CND0201A Datasheet HTML 1Page - Panasonic Semiconductor CND0201A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electro-Optical Characteristics (Ta = 25˚C, VCC = 3V)
Parameter
Symbol
Conditions
min
typ
max
Unit
Operating supply voltage
VCC
2.7
3.0
3.6
V
Supply current (Receiver)
ICC
0.4
0.5
mA
Supply current (shut down)
ICCSD
10
200
nA
Data rates
2.4
115.2
kbps
Peak emission wavelength
λ
p
850
870
900
nm
LED Peak current
IFP
25
mA
Radiant
“H” Level
ICH
3.6
28.8
mW/sr
intensity
“L” Level
ICL
0.3
µW/sr
TX
High level input voltage
VIH
2.5
VCC
V
Low level input voltage
VIL
0
0.5
V
Half angle
α
15
30
deg.
Rise time, fall time
tr, tf
600
ns
Maximum transfer
“H” Level
Lmax
20
cm
distance
“L” Level
Lmax
30
cm
RX
High level output voltage
VOH
VCC - 0.5
V
Low level output voltage
VOL
0.5
V
CND0201A
IrDA
Block Diagram
LED
V
CC
TXD
RXD
Shut down
V
CC
8 : LEDA
7 : TXD
6 : RXD
5 : SD
4 : AGND
3 : V
CC
2 : NU
1 : NU
Amp.
PD
Comparator
C1
C2
Shield


Similar Part No. - CND0201A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
More results

Similar Description - CND0201A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
   INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
   INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TOSLINK TOSHIBA-TOSLINK Datasheet
1Mb / 20P
   Optical Transmission Device
logo
SICK AG
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com