Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5937ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5937ESA
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5937ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5937ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 9Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 10Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 11Page - Maxim Integrated Products MAX5937ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
8
_______________________________________________________________________________________
The MAX5936/MAX5937 conduct a load-probe test after
contact transients from the hot plug-in have settled. This
follows the MAX5936/MAX5937 power-up (when the
UVLO condition has been met for 220ms (tLP)) and prior
to the turn-on of the power MOSFET. This test pulls a
user-programmable current through the load (1A, max)
for up to 220ms and tests for a voltage of 200mV across
the load at VOUT. This current is set by an external resis-
tor, RLP, between VOUT and LP (Figure 14). When the
voltage across the load exceeds 200mV, the test is trun-
cated and the GATE turn-on sequence is started. If at the
end of the 220ms test period the voltage across the load
has not reached 200mV, the load is assumed to be short-
ed and the current to the load from the LP pin is shut off.
The MAX5936A_/MAX5937A_ will timeout for 16 x tLP
then retry the load-probe test. The MAX5936L_/
MAX5937L_ will latch the fault condition indefinitely until
the UVLO is brought below 1.125V for 1.5ms or the power
is recycled. See the Applications Information section for
recommendations on selecting RLP to set the current
level.
Upon successful completion of the load-probe test, the
MAX5936/MAX5937 enter the power-up GATE cycle and
begin ramping the GATE voltage with a 52µA current
source. This current source is restricted if VOUT begins
to ramp down faster than the default 9V/ms slew rate.
Charging up GATE enhances the power MOSFET in a
controlled manner and ramping VOUT at a user-settable
rate controls the inrush current from the backplane. The
MAX5936/MAX5937 continue to charge up the GATE
until one of two events occurs: a normal power-up GATE
cycle is completed or a power-up to fault management is
detected (see the GATE Cycles section in Appendix A).
Figure 1. Functional Block Diagram
10V REG
AND
5V REG
UVLO
LOGIC
CONTROL
BANDGAP
REF
VBG
10
µA
FAULT
DETECTION
SEQUENCER
CONTROLLER
TIMER
GATE
CONTROL
LOAD PROBE
TEST
VSC, VCB, AND
75% OF VCB
COMPARATORS
STEP
TEMPERATURE-
COMPENSATED
CURRENT SOURCE
VBG (1.25V)
+5V
+10V
52
µA
2V AND
15V
CLAMP
PGOOD
PGOOD
LOGIC
MAX5936
MAX5937
PGOOD
PGOOD
VOUT
GATE
LP
RLOAD
CLOAD
UVLO
GND
STEP_MON
VEE
GND
VEE


Similar Part No. - MAX5937ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5937ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com