Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5936LA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5936LA
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5936LA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5936LA Datasheet HTML 1Page - Maxim Integrated Products MAX5936LA Datasheet HTML 2Page - Maxim Integrated Products MAX5936LA Datasheet HTML 3Page - Maxim Integrated Products MAX5936LA Datasheet HTML 4Page - Maxim Integrated Products MAX5936LA Datasheet HTML 5Page - Maxim Integrated Products MAX5936LA Datasheet HTML 6Page - Maxim Integrated Products MAX5936LA Datasheet HTML 7Page - Maxim Integrated Products MAX5936LA Datasheet HTML 8Page - Maxim Integrated Products MAX5936LA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VEE = -10V to -80V, VIN = GND - VEE, VSTEP_MON =VEE, RLP = 200
Ω, UVLO open, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VEE = -48V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Circuit-Breaker Tempco
-40°C < TA <+85°C
6000
ppm/°C
Circuit-Breaker Glitch Rejection
tCB_DLY
1.0
1.2
1.6
ms
TA = +85°C
118
140
162
TA = +25°C85
100
115
TA = -10°C
647994
MAX5936LA/
MAX5936AA/
MAX5937LA/
MAX5937AA
TA = -40°C62
TA = +85°C
244
284
324
TA = +25°C
180
200
220
TA = -10°C
135
158
181
MAX5936LB/
MAX5936AB/
MAX5937LB/
MAX5937AB
TA = -40°C
124
TA = +85°C
485
568
651
TA = +25°C
355
400
445
TA = -10°C
270
316
362
Circuit-Breaker Threshold
VCB
MAX5936LC/
MAX5936AC/
MAX5937LC/
MAX5937AC
TA = -40°C
248
mV
TA = +85°C
220
280
340
TA = +25°C
160
200
240
TA = -10°C
111
158
205
MAX5936LA/
MAX5936AA/
MAX5937LA/
MAX5937AA
TA = -40°C
124
TA = +85°C
470
568
667
TA = +25°C
350
400
450
TA = -10°C
255
316
377
MAX5936LB/
MAX5936AB/
MAX5937LB/
MAX5937AB
TA = -40°C
248
TA = +85°C
962
1136
1310
TA = +25°C
700
800
900
TA = -10°C
510
632
754
Short-Circuit Threshold
VSC
MAX5936LC/
MAX5936AC/
MAX5937LC/
MAX5937AC
TA = -40°C
496
mV
Short-Circuit Response Time
(Note 5)
150mV overdrive, CLOAD = 0,
to GATE below 1V
330
500
ns
INPUT-VOLTAGE-STEP PROTECTION
Input-Voltage-Step Detection
Threshold
STEPTH
1.219
1.250
1.281
V
Input-Voltage-Step Threshold
Offset Current
ISTEP_OS
-10.8
-10.0
-9.2
µA
LOAD-PROBE CIRCUIT
Load-Probe Switch On-Resistance
VLP - VEE = 1V
7.5
11
Load-Probe Timeout
tLP
80
220
380
ms
Load-Probe Retry Time
tLP_OFF
16 x
tLP
s
Load-Probe Voltage Threshold
VTHSC-DET
Referenced to GND
-220
-200
-180
mV


Similar Part No. - MAX5936LA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5936LA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com