Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM93LC56N Datasheet(PDF) 3 Page - Anachip Corp

Part # AM93LC56N
Description  2048-bits Serial Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC56N Datasheet(HTML) 3 Page - Anachip Corp

  AM93LC56N Datasheet HTML 1Page - Anachip Corp AM93LC56N Datasheet HTML 2Page - Anachip Corp AM93LC56N Datasheet HTML 3Page - Anachip Corp AM93LC56N Datasheet HTML 4Page - Anachip Corp AM93LC56N Datasheet HTML 5Page - Anachip Corp AM93LC56N Datasheet HTML 6Page - Anachip Corp AM93LC56N Datasheet HTML 7Page - Anachip Corp AM93LC56N Datasheet HTML 8Page - Anachip Corp AM93LC56N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2048-bits Serial Electrically Erasable PROM
AM93LC56
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
3/10
ATC
AC Electrical Characteristics (Vcc = 2.7V ~ 5.5V, Ta = 25oC , unless otherwise noted)
AM93LC56
Parameter
Symbol
Conditions
Min
Max
Units
SK Clock Frequency
FSK
0
1
MHz
SK High Time
TSKH
250
ns
SK Low Time
TSKL
250
ns
Minimum CS Low Time
TCS
250
ns
CS Setup Time
TCSS
Relative to SK
50
ns
DI Setup Time
TDIS
Relative to SK
100
ns
CS Hold Time
TcSH
Relative to SK
0
ns
DI Hold Time
TDIH
Relative to SK
100
ns
Output Delay to "1"
TpD1
AC Test
500
ns
Output Delay to "0"
TpD0
AC Test
500
ns
CS to Status Valid
TSV
AC Test CL = 100pF
500
ns
CS to DO in 3-state
TdF
CS = VIL
100
ns
Write Cycle Time
TwP
10
ms
5V, 25ºC, Page Mode
Endurance**
1M
write cycles
Note** : The parameter is characterized and isn’t 100% tested.
FIGURE 1. AC TEST CONDITIONS
632 ohm
DO
1.247V
(1 TTL Gate Load)
100PF
Instruction Set
Address
Input Data
Instruction
Start
Bit
OP
Code
×
8
×
16
×
8
×
16
READ
1
10
A7 - A0
A6 - A0
WEN (Write Enable)
1
00
11 XXXXXX
11XXXXX
WRITE
1
01
A7 - A0
A6 - A0
D7 – D0
D15 - D0
WRALL (Write All Registers)
1
00
01XXXXXX
01XXXXX
D7 – D0
D15 - D0
WDS (Write Disable)
1
00
00 XXXXXX
00XXXXX
ERASE
1
11
A7 - A0
A6 - A0
ERAL (Erase All Registers)
1
00
10 XXXXXX
10XXXXX


Similar Part No. - AM93LC56N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
More results

Similar Description - AM93LC56N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com