Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6LU-1205EH40 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6LU-1205EH40
Description  P6LU-XXXXEH40 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6LU-1205EH40 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6LU-1205EH40 Datasheet HTML 1Page - PEAK electronics GmbH P6LU-1205EH40 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
M1 SERIES
P6LU-XXXXEH40 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
Available Inputs:
5, 12, 24 and 48 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
4000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
70 % to 85 %
Switching frequency
125 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
19,50 x 6,00 x 9,50 mm
0,76 x 0,24 x 0,37 inches
Weight
2 g, 3 g for the 48 VDC variants
Case material
Non conductive black plastic
Examples for Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P6LU-0505EH40
5
16
277
5
200
72
P6LU-0512EH40
5
18
254
12
84
79
P6LU-1205EH40
12
11
119
5
200
70
P6LU-1212EH40
12
10
104
12
84
80
P6LU-2405EH40
24
6
55
5
200
76
P6LU-2412EH40
24
7
54
12
84
77
P6LU-2415EH40
24
8
55
15
67
76


Similar Part No. - P6LU-1205EH40

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6LU-1205EH52 PEAK-P6LU-1205EH52 Datasheet
231Kb / 2P
   5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6LU-1205EH60ENLF PEAK-P6LU-1205EH60ENLF Datasheet
152Kb / 4P
   Single and Dual Output
More results

Similar Description - P6LU-1205EH40

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6LU-053R3ZH52 PEAK-P6LU-053R3ZH52 Datasheet
235Kb / 2P
   5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6LU-0505EH52 PEAK-P6LU-0505EH52 Datasheet
231Kb / 2P
   5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6MU-0505EH40 PEAK-P6MU-0505EH40 Datasheet
256Kb / 2P
   4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
PN6CU-0505E PEAK-PN6CU-0505E Datasheet
264Kb / 3P
   PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6CU-0505Z PEAK-P6CU-0505Z Datasheet
244Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6CU-0505E PEAK-P6CU-0505E Datasheet
250Kb / 2P
   P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6MU-053R3ZH40 PEAK-P6MU-053R3ZH40 Datasheet
255Kb / 2P
   4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P6MU-0505EH52 PEAK-P6MU-0505EH52 Datasheet
255Kb / 2P
   5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com