Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5937LB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5937LB
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5937LB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5937LB Datasheet HTML 2Page - Maxim Integrated Products MAX5937LB Datasheet HTML 3Page - Maxim Integrated Products MAX5937LB Datasheet HTML 4Page - Maxim Integrated Products MAX5937LB Datasheet HTML 5Page - Maxim Integrated Products MAX5937LB Datasheet HTML 6Page - Maxim Integrated Products MAX5937LB Datasheet HTML 7Page - Maxim Integrated Products MAX5937LB Datasheet HTML 8Page - Maxim Integrated Products MAX5937LB Datasheet HTML 9Page - Maxim Integrated Products MAX5937LB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
6
_______________________________________________________________________________________
MAX5936_A SHORT-CIRCUIT EVENT
MAX5936 toc08
400ns/div
VGATE
10V/div
VOUT
50V/div
IIN
10A/div
VPGOOD
50V/div
NORMALIZED CIRCUIT-BREAKER
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.6
0.8
1.0
1.2
1.4
1.6
0.4
-40
85
VOUT SLEW RATE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
5.0
-40
85
CGATE = 0, CLOAD = 100
µF
VIN = 48V
VIN = 72V
VIN = 12V
MAX5936_A INPUT VOLTAGE
STEP EVENT (NO FAULT)
MAX5936 toc11
4ms/div
VGATE
10V/div
VOUT
50V/div
IIN
1A/div
VPGOOD
50V/div
VIN
50V/div
RLOAD = 75
MAX5936_A INPUT VOLTAGE
STEP EVENT (FAULT)
MAX5936 toc12
4ms/div
VGATE
10V/div
VOUT
50V/div
IIN
2A/div
VPGOOD
50V/div
VIN
50V/div
RLOAD = 75
GATE TO VEE CLAMP VOLTAGE
AT POWER OFF
ISINK (mA)
18
16
14
12
10
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
0
020
VEE = GND = 0V
GATE TO VEE CLAMP VOLTAGE
MOSFET FULLY ENHANCED
ISINK (mA)
18
16
12 14
4
6
8
10
2
9
10
11
12
13
14
15
16
17
18
8
020
VEE = -48V, VUVLO = 2V
Typical Operating Characteristics (continued)
(VEE = -48V, GND = 0V, VIN = GND - VEE, all voltages are referenced to VEE, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5937LB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5937LB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com