Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM93LC56NA Datasheet(PDF) 2 Page - Anachip Corp

Part # AM93LC56NA
Description  2048-bits Serial Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC56NA Datasheet(HTML) 2 Page - Anachip Corp

  AM93LC56NA Datasheet HTML 1Page - Anachip Corp AM93LC56NA Datasheet HTML 2Page - Anachip Corp AM93LC56NA Datasheet HTML 3Page - Anachip Corp AM93LC56NA Datasheet HTML 4Page - Anachip Corp AM93LC56NA Datasheet HTML 5Page - Anachip Corp AM93LC56NA Datasheet HTML 6Page - Anachip Corp AM93LC56NA Datasheet HTML 7Page - Anachip Corp AM93LC56NA Datasheet HTML 8Page - Anachip Corp AM93LC56NA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2048-bits Serial Electrically Erasable PROM
AM93LC56
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
2/10
ATC
Block Diagrams
INSTRUCTION
REGISTER
(10 BITS)
INSTRUCTION
DECODE
CONTROL
AND
CLOCK
GENERATION
DATA
REGISTER
ADDRESS
REGISTER
V
CC RANGE
DETECTOR
WRITE ENABLE
DUMMY BIT
R/W AMPS
DECODER
HIGH VOLTAGE
GENERATOR
EEPROM
ARRAY
(128 X 16)
OR
(256 X 8)
DI
CS
SK
DO
ORG
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Storage Temperature
TS
-65 to + 125
°C
Voltage with Respect to Ground
-0.3 to + 6.5
V
NOTE:These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the
part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias
Values
Unit
AM93LC56
0 to + 70
°C
AM93LC56I
-40 to + 85
°C
AM93LC56V
-40 to +125
°C
DC Electrical Characteristics (Vcc =2.7~5.5V, Ta = 25oC , unless otherwise noted)
Parameter
Symbol
Conditions
Min
Max
Units
Operating current**
ICC
CS=VIH, SK=1MHz CMOS input levels
3
mA
Standby current
ISB
CS=DI=SK=0V
10
µA
Input leakage
IIL
VIN = 0V to VCC(CS,SK,DI)
-1
1
µA
Output leakage
IOL
VOUT = 0V to VCC, CS=0V
-1
1
µA
VCC = 3V + 10%
-0.1
0.15 VCC
Input low voltage**
VIL
VCC = 5V + 10%
-0.1
0.8
V
VCC = 3V + 10%
0.8 VCC
VCC +0.2
Input high voltage**
VIH
VCC = 5V + 10%
2
VCC +0.2
V
Output low voltage
VOL1
IOL = 2.1mA TTL, VCC=5V + 10%
0.4
V
Output high voltage
VOH1
IOH = -400uA TTL, VCC=5V + 10%
2.4
V
Output low voltage
IOL = 10uA CMOS
0.2
V
Output high voltage
VOL2
IOH = -10uA CMOS
VCC -0.2
V
Note **: ICC , VIL min and VIH max are for reference only and are not tested


Similar Part No. - AM93LC56NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
More results

Similar Description - AM93LC56NA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com