Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2916SB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMS2916SB
Description  Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMS2916SB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMS2916SB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS2916SB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SMS2916
5
2028-02 4/24/98
Preliminary
FIGURE 4. RESET OUTPUT TIMING
SMS2916-2.7
SMS2916–A
SMS2916–B
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
VTRIP
Reset Trip Point
2.55
2.7
4.25
4.5
4.5
4.75
V
tPURST
Power-Up Reset Timeout
130
270
130
270
130
270
ms
tRPD
VTRIP to RESET Output Delay
5
5
5
µs
VRVALID
RESET Output Valid
1
1
1
V
tGLITCH
Glitch Reject Pulse Width
30
30
30
ns
VOLRS
RESET Output Low Voltage IOL= 1mA
0.4
0.4
0.4
V
VOHRS
RESET Output High Voltage IOH = 800
µAVCC-.75
VCC-.75
VCC-.75
V
RESET CIRCUIT AC and DC ELECTRICAL CHARACTERISTICS
TA = -40
°C to +85°C
2028 PGM T6.0
VCC
VRVALID
VTRIP
tPURST
RESET
RESET
2028 ILL6.0
tGLITCH
tRPD
tPURST
tRPD


Similar Part No. - SMS2916SB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS2916SB SUMMIT-SMS2916SB Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
More results

Similar Description - SMS2916SB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
Summit Microelectronics...
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com