Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5937AB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5937AB
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5937AB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5937AB Datasheet HTML 3Page - Maxim Integrated Products MAX5937AB Datasheet HTML 4Page - Maxim Integrated Products MAX5937AB Datasheet HTML 5Page - Maxim Integrated Products MAX5937AB Datasheet HTML 6Page - Maxim Integrated Products MAX5937AB Datasheet HTML 7Page - Maxim Integrated Products MAX5937AB Datasheet HTML 8Page - Maxim Integrated Products MAX5937AB Datasheet HTML 9Page - Maxim Integrated Products MAX5937AB Datasheet HTML 10Page - Maxim Integrated Products MAX5937AB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
_______________________________________________________________________________________
7
Detailed Description
The MAX5936/MAX5937 hot-swap controllers incorpo-
rate overcurrent fault management and are intended for
negative-supply-rail applications. The MAX5936/
MAX5937 eliminate the need for an external RSENSE
and include VIN input-step protection and load probe,
which prevents powering up into a shorted load. They
are intended for negative 48V telecom power systems
where low cost, flexibility, multifault management, and
compact size are required. The MAX5936/MAX5937 are
ideal for the widest range of systems from those
requiring low current with small MOSFETs to high-
current systems requiring large power MOSFETs and
low on-resistance.
The MAX5936/MAX5937 control an external n-channel
power MOSFET placed in the negative supply path of
an external load. When no power is applied, the GATE
output of the MAX5936/MAX5937 clamps the VGS of the
MOSFET to 2V, keeping the MOSFET turned off. When
power is applied to the MAX5936/MAX5937, the 2V
clamp at the GATE output is replaced by a strong pull-
down device pulling GATE to VEE and the VGS of the
MOSFET to 0V. As shown in Figure 2, this transition
enables the MAX5936/MAX5937 to keep the power
MOSFET continually off during the board insertion
phase when the circuit board first makes contact with
the backplane. Without this clamp, the GATE output of
a powered-down controller would be floating and the
MOSFET reverse transfer capacitance (gate-to-drain)
would pull up and turn on the MOSFET gate when the
MOSFET drain is rapidly pulled up by the VIN step dur-
ing backplane contact. The MAX5936/MAX5937 GATE
clamp can overcome the gate-to-drain capacitance of
large power MOSFETs with added slew-rate control
(CSLEW) capacitors while eliminating the need for addi-
tional gate-to-source capacitance. The MAX5936/
MAX5937 will keep the MOSFET off indefinitely if the
supply voltage is below the user-set UVLO threshold or
if a short circuit is detected in the load connected to the
drain of the power MOSFET.
PIN
MAX5936
MAX5937
NAME
FUNCTION
11
GND
Ground. The high-supply connection for a negative-rail hot-swap controller.
22
UVLO
Undervoltage Lockout Input, On/Off Control. Referenced to VEE. Drive UVLO above the
1.25V rising threshold to turn on the device. To turn off the device, drive UVLO below the
1.125V falling threshold for the 1.5ms glitch rejection period. Leave UVLO disconnected for
the default 31V undervoltage lockout threshold. Cycle UVLO to unlatch the MAX5936L/
MAX5937L after a fault. Cycling UVLO low deasserts PGOOD.
33
STEP_MON
Input Voltage Step Monitor. 1.25V voltage threshold referenced to VEE. Connect a resistor
between STEP_MON and VEE to set the step sensitivity. Connect a capacitor from GND to
STEP_MON to adjust the step response relative to a step increase at VEE to eliminate false
circuit-breaker and short-circuit faults. Connect to VEE to disable the step immunity function
(see the Selecting Resistor and Capacitor Values for Step Monitor section in the
Applications Information).
44
VEE
Negative Input Voltage
55
LP
Load-Probe Detect. Connect a resistor from LP to VOUT to set the load-probe test current.
Limit load-probe test current to 1A. Connect to VEE to disable the load-probe function.
66
GATE
Gate-Drive Output. Connect to the gate of the external n-channel MOSFET.
77
VOUT
Output Voltage Sense. VOUT is the negative rail of the load. Connect to the drain of the
external n-channel MOSFET.
8
PGOOD
Power-Good, Active-Low, Open-Drain Output. Referenced to VOUT. PGOOD asserts low
when VOUT is within the limits and there is no fault.
8
PGOOD
Power-Good, Active-High, Open-Drain Output. Referenced to VOUT. PGOOD asserts high
when VOUT is within limits and there is no fault.
Pin Description


Similar Part No. - MAX5937AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5937AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com