Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL22CV10ATI-25 Datasheet(PDF) 3 Page - Anachip Corp

Part # PEEL22CV10ATI-25
Description  PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10ATI-25 Datasheet(HTML) 3 Page - Anachip Corp

  PEEL22CV10ATI-25 Datasheet HTML 1Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 2Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 3Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 4Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 5Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 6Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 7Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 8Page - Anachip Corp PEEL22CV10ATI-25 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
04-02-010F
Function Description
The PEEL™22CV10A implements logic functions as sum-
of-products expressions in a programmable-AND/ fixed-OR
logic array. User-defined functions are created by program-
ming the connections of input signals into the array. User-
configurable output structures in the form of I/O macrocells
further increase logic flexibility.
Architecture Overview
The PEEL™22CV10A architecture is illustrated in the block
diagram of Figure 2. Twelve dedicated inputs and 10 I/Os
provide up to 22 inputs and 10 outputs for creation of logic
functions. At the core of the device is a programmable elec-
trically-erasable AND array which drives a fixed OR array.
With this structure, the PEEL™22CV10A can implement up
to 10 sum-of-products logic expressions.
Associated with each of the 10 OR functions is an I/O mac-
rocell which can be independently programmed to one of 4
different configurations. The programmable macrocells
allow each I/O to create sequential or combinatorial logic
functions with either active-high or active-low polarity.
AND/OR Logic Array
The programmable AND array of the PEEL™22CV10A
(shown in Figure 3) is formed by input lines intersecting
product terms. The input lines and product terms are used
as follows:
44 Input Lines:
24 input lines carry the true and complement
of the signals applied to the 12 input pins
20 additional lines carry the true and complement
values of feedback or input signals from
the 10 I/Os
132 product terms:
120 product terms (arranged in 2 groups of 8,
10, 12, 14 and 16) used to form logical sums
10 output enable terms (one for each I/O)
1 global synchronous present term
1 global asynchronous clear term
At each input-line/product-term intersection there is an
EEPROM memory cell which determines whether or not
there is a logical connection at that intersection. Each prod-
uct term is essentially a 44-input AND gate. A product term
which is connected to both the true and complement of an
input signal will always be FALSE, and thus will not affect
the OR function that it drives. When all the connections on
a product term are opened, a “don’t care” state exists and
that term will always be TRUE. When programming the
PEEL™22CV10A, the device programmer first performs a
bulk erase to remove the previous pattern. The erase cycle
opens every logical connection in the array. The device is
then configured to perform the user-defined function by
programming selected connections in the AND array. (Note
that PEEL™ device programmers automatically program
the connections on unused product terms so that they will
have no effect on the output function.)
Variable Product Term Distribution
The PEEL™22CV10A provides 120 product terms to drive
the 10 OR functions. These product terms are distributed
among the outputs in groups of 8, 10, 12, 14 and 16 to form
logical sums (see Figure 3). This distribution allows opti-
mum use of device re-sources.
Programmable I/O Macrocell
The output macrocell provides complete control over the
architecture of each output. The ability to configure each
output independently permits users to tailor the configura-
tion of the PEEL™22CV10A to the precise requirements of
their designs.
Macrocell Architecture
Each I/O macrocell, as shown in Figure 4, consists of a D-
type flip-flop and two signal-select multiplexers. The config-
uration of each macrocell is determined by the two
EEPROM bits controlling these multiplexers (refer to Table
1). These bits determine output polarity and output type
(registered or non-registered). Equivalent circuits for the
four macro-cell configurations are illustrated in Figure 5.
Output Type
The signal from the OR array can be fed directly to the out-
put pin (combinatorial function) or latched in the D-type flip-
flop (registered function). The D-type flip-flop latches data
on the rising edge of the clock and is controlled by the glo-
bal preset and clear terms. When the synchronous preset
term is satisfied, the Q output of the register will be set
HIGH at the next rising edge of the clock input. Satisfying
the asynchronous clear term will set Q LOW, regardless of
the clock state. If both terms are satisfied simultaneously,
the clear will override the preset.
Output Polarity
Each macrocell can be configured to implement active-high
or active-low logic. Programmable polarity eliminates the
need for external inverters.
Output Enable
The output of each I/O macrocell can be enabled or dis-
abled under the control of its associated programmable
output enable product term. When the logical conditions
programmed on the output enable term are satisfied, the
output signal is propagated to the I/O pin. Otherwise, the
output buffer is driven into the high-impedance state.
Under the control of the output enable term, the I/O pin can
function as a dedicated input, a dedicated output, or a bi-
directional I/O. Opening every connection on the output


Similar Part No. - PEEL22CV10ATI-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10ATI-25 ANACHIP-PEEL22CV10ATI-25 Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10ATI-25 ANACHIP-PEEL22CV10ATI-25 Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10ATI-25L ANACHIP-PEEL22CV10ATI-25L Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10ATI-25L ANACHIP-PEEL22CV10ATI-25L Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10ATI-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
   PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com